Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2912 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # F2912
Description  High Reliability SP2T RF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2912 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button F2912 Datasheet HTML 4Page - Integrated Device Technology F2912 Datasheet HTML 5Page - Integrated Device Technology F2912 Datasheet HTML 6Page - Integrated Device Technology F2912 Datasheet HTML 7Page - Integrated Device Technology F2912 Datasheet HTML 8Page - Integrated Device Technology F2912 Datasheet HTML 9Page - Integrated Device Technology F2912 Datasheet HTML 10Page - Integrated Device Technology F2912 Datasheet HTML 11Page - Integrated Device Technology F2912 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
F2912
High Reliability SP2T RF Switch
8
F2912, Rev 3, 04/01/2016
TYPICAL OPERATING CONDITIONS (- 1 -)
Insertion Loss vs. Temperature
Insertion Loss vs. Voltage
Isolation vs. Temperature [RFC  RF1 / RF2]
Insertion Loss vs. Temperature
Insertion Loss vs. Voltage
Isolation vs. Temperature [RFC  RF1 / RF2]
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1.E+4
1.E+5
1.E+6
1.E+7
1.E+8
1.E+9
Frequency (Hz)
-55 C / +3.3 V / RFC -> RF1
-55 C / +3.3 V / RFC -> RF2
-40 C / +3.3 V / RFC -> RF1
-40 C / +3.3 V / RFC -> RF2
+25 C / +3.3 V / RFC -> RF1
+25 C / +3.3 V / RFC -> RF2
+125 C / +3.3 V / RFC -> RF1
+125 C / +3.3 V / RFC -> RF2
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1.E+4
1.E+5
1.E+6
1.E+7
1.E+8
1.E+9
Frequency (Hz)
+25 C / +2.7 V / RFC -> RF1
+25 C / +2.7 V / RFC -> RF2
+25 C / +3.0 V / RFC -> RF1
+25 C / +3.0 V / RFC -> RF2
+25 C / +3.3 V / RFC -> RF1
+25 C / +3.3 V / RFC -> RF2
+25 C / +3.6 V / RFC -> RF1
+25 C / +3.6 V / RFC -> RF2
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.E+4
1.E+5
1.E+6
1.E+7
1.E+8
1.E+9
Frequency (Hz)
-55 C / +3.3 V / RF2 Sel
-55 C / +3.3 V / RF1 Sel
-40 C / +3.3 V / RF2 Sel
-40 C / +3.3 V / RF1 Sel
+25 C / +3.3 V / RF2 Sel
+25 C / +3.3 V / RF1 Sel
+125 C / +3.3 V / RF2 Sel
+125 C / +3.3 V / RF1 Sel
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
1
2
3
4
5
6
7
8
9
10
11
Frequency (GHz)
-55 C / +3.3 V / RFC -> RF1
-55 C / +3.3 V / RFC -> RF2
-40 C / +3.3 V / RFC -> RF1
-40 C / +3.3 V / RFC -> RF2
+25 C / +3.3 V / RFC -> RF1
+25 C / +3.3 V / RFC -> RF2
+125 C / +3.3 V / RFC -> RF1
+125 C / +3.3 V / RFC -> RF2
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
1
2
3
4
5
6
7
8
9
10
11
Frequency (GHz)
+25 C / +2.7 V / RFC -> RF1
+25 C / +2.7 V / RFC -> RF2
+25 C / +3.0 V / RFC -> RF1
+25 C / +3.0 V / RFC -> RF2
+25 C / +3.3 V / RFC -> RF1
+25 C / +3.3 V / RFC -> RF2
+25 C / +3.6 V / RFC -> RF1
+25 C / +3.6 V / RFC -> RF2
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
11
Frequency (GHz)
-55 C / +3.3 V / RF2 Sel
-55 C / +3.3 V / RF1 Sel
-40 C / +3.3 V / RF2 Sel
-40 C / +3.3 V / RF1 Sel
+25 C / +3.3 V / RF2 Sel
+25 C / +3.3 V / RF1 Sel
+125 C / +3.3 V / RF2 Sel
+125 C / +3.3 V / RF1 Sel


Similar Part No. - F2912

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2912 RENESAS-F2912 Datasheet
3Mb / 24P
   High Reliability SP2T RF Switch 9 kHz to 9000 MHz
F2912 RENESAS-F2912 Datasheet
2Mb / 25P
   High Reliability SP2T RF Switch
Sep 20, 2021
F2912NCGI RENESAS-F2912NCGI Datasheet
3Mb / 24P
   High Reliability SP2T RF Switch 9 kHz to 9000 MHz
F2912NCGI RENESAS-F2912NCGI Datasheet
2Mb / 25P
   High Reliability SP2T RF Switch
Sep 20, 2021
F2912NCGI8 RENESAS-F2912NCGI8 Datasheet
3Mb / 24P
   High Reliability SP2T RF Switch 9 kHz to 9000 MHz
More results

Similar Description - F2912

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
   High Reliability SP2T RF Switch
Sep 20, 2021
logo
Integrated Device Techn...
F2932 IDT-F2932 Datasheet
2Mb / 20P
   High Reliability SP2T RF Switch
F2933 IDT-F2933 Datasheet
2Mb / 19P
   High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
F2932 RENESAS-F2932 Datasheet
4Mb / 21P
   High Reliability SP2T RF Switch 50 MHz to 8000 MHz
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
   SP2T RF Switch
logo
Renesas Technology Corp
F2912 RENESAS-F2912 Datasheet
3Mb / 24P
   High Reliability SP2T RF Switch 9 kHz to 9000 MHz
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
   High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
   High Isolation SP2T RF Switch 50MHz to 6000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com