Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2970NCGK Datasheet(PDF) 5 Page - Integrated Device Technology

Part # F2970NCGK
Description  75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2970NCGK Datasheet(HTML) 5 Page - Integrated Device Technology

  F2970NCGK Datasheet HTML 1Page - Integrated Device Technology F2970NCGK Datasheet HTML 2Page - Integrated Device Technology F2970NCGK Datasheet HTML 3Page - Integrated Device Technology F2970NCGK Datasheet HTML 4Page - Integrated Device Technology F2970NCGK Datasheet HTML 5Page - Integrated Device Technology F2970NCGK Datasheet HTML 6Page - Integrated Device Technology F2970NCGK Datasheet HTML 7Page - Integrated Device Technology F2970NCGK Datasheet HTML 8Page - Integrated Device Technology F2970NCGK Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
F2970 Datasheet
© 2016 Integrated Device Technology, Inc.
5
November 11, 2016
Electrical Characteristics
Table 4. Electrical Characteristics
Typical Application Circuit: VDD = 3.0 V, TC = +25 °C, FRF = 1200 MHz, Driven Port = RF1 or RF2, Input Power = 0 dBm, ZS = ZL = 75 ohms.
PCB board trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Logic Input High Threshold [c]
VIH
2.7 V
≤ VDD ≤ 3.6 V
0.7 x VDD [a]
VDD
V
Logic Input Low Threshold [c]
VIL
-0.3 [b]
0.3 x VDD
V
Logic Current
IIH, IIL
For each control pin
180
500
nA
VDD DC Current [c]
IDD
Logic Inputs at GND or VDD
20
30
µA
Insertion Loss
IL
5 – 250 MHz
0.25
dB
250 – 750 MHz
0.30
750 – 1000 MHz
0.30
1000 – 1200 MHz
0.32
0.57
1200 – 2000 MHz
0.32
2000 – 3000 MHz
0.35
Isolation
(RFC to RF1 / RF2)
ISORFC
5 – 250 MHz
79
84
dB
250 – 750 MHz
69
74
750 – 1000 MHz
67
72
1000 – 1200 MHz
65
70
1200 – 2000 MHz
62
67
2000 – 3000 MHz
57
Isolation
(RF1 to RF2)
ISOR12
5 – 250 MHz
79
84
dB
250 – 750 MHz
69
74
750 – 1000 MHz
66
71
1000 – 1200 MHz
63
68
1200 – 2000 MHz
57
62
2000 – 3000 MHz
53
RF1, RF2, RFC Return Loss
(Insertion Loss State)
RLIL
5 – 250 MHz
25
dB
250 – 750 MHz
20
750 – 1000 MHz
18
1000 – 1200 MHz
18
1200 – 2000 MHz
18
2000 – 3000 MHz
18
a. Items in min/max columns in bold italics are Guaranteed by Test.
b. Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
c. Increased IDD current will result if logic low level is above ground and up to VIL max. Similarly, increased IDD current will
result if logic high level is below VDD and down to VIH min.


Similar Part No. - F2970NCGK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2970NCGK RENESAS-F2970NCGK Datasheet
3Mb / 21P
   75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2970NCGK8 RENESAS-F2970NCGK8 Datasheet
3Mb / 21P
   75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
More results

Similar Description - F2970NCGK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2970 RENESAS-F2970 Datasheet
3Mb / 21P
   75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2932 RENESAS-F2932 Datasheet
4Mb / 21P
   High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
   High Reliability SP2T RF Switch 50 MHz to 8000 MHz
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Qorvo, Inc
RFSA3043 QORVO-RFSA3043 Datasheet
2Mb / 16P
   75 Voltage Controlled Attenuator (5 ??3000 MHz)
logo
Tyco Electronics
SW-207 MACOM-SW-207 Datasheet
78Kb / 2P
   GaAs SPDT Switch 5 - 3000 MHz
logo
M/A-COM Technology Solu...
SW-207-PIN MA-COM-SW-207-PIN Datasheet
56Kb / 3P
   GaAs SPDT Switch, 5 - 3000 MHz
logo
Tyco Electronics
SW-207-PIN MACOM-SW-207-PIN Datasheet
139Kb / 3P
   GaAs SPDT Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
MACP-008764-CH0370 MA-COM-MACP-008764-CH0370 Datasheet
101Kb / 3P
   75 Ohm Coupler 5-1000 MHz
logo
Renesas Technology Corp
F2912 RENESAS-F2912 Datasheet
3Mb / 24P
   High Reliability SP2T RF Switch 9 kHz to 9000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com