Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC1750 Datasheet(PDF) 41 Page - Integrated Device Technology

Part # ZSSC1750
Description  Data Acquisition System Basis Chip
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC1750 Datasheet(HTML) 41 Page - Integrated Device Technology

Back Button ZSSC1750 Datasheet HTML 37Page - Integrated Device Technology ZSSC1750 Datasheet HTML 38Page - Integrated Device Technology ZSSC1750 Datasheet HTML 39Page - Integrated Device Technology ZSSC1750 Datasheet HTML 40Page - Integrated Device Technology ZSSC1750 Datasheet HTML 41Page - Integrated Device Technology ZSSC1750 Datasheet HTML 42Page - Integrated Device Technology ZSSC1750 Datasheet HTML 43Page - Integrated Device Technology ZSSC1750 Datasheet HTML 44Page - Integrated Device Technology ZSSC1750 Datasheet HTML 45Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
ZSSC1750 / ZSSC1751 Datasheet
© 2016 Integrated Device Technology, Inc.
41
April 20, 2016
3.4.1
Watchdog Registers
3.4.1.1
Register “wdogPresetVal” – Preset Value for the Watchdog Timer
Table 3.10 Register wdogPresetVal
Important: The preset value programmed to this register must never be 0HEX (see section 3.4 above).
Name
Address
Bits
Default
Access
Description
wdogPresetVal[7:0]
72HEX
[7:0]
FFHEX
RW
Lower byte of the preset value of the watchdog
timer. This value is loaded into the lower byte of
the watchdog counter when the watchdog is
enabled or when the watchdog is cleared.
Note: This bit can only be written when the
watchdog is not locked (wdogLock == 0) and
when the watchdog is inactive (SSW[7] == 0).
wdogPresetVal[15:8]
73HEX
[7:0]
FFHEX
RW
Upper byte of the preset value of the watchdog
timer. This value is loaded into the upper byte of
the watchdog counter when the watchdog is
enabled or when the watchdog is cleared.
Note: This bit can only be written when the
watchdog is not locked (wdogLock == 0) and
when the watchdog is inactive (SSW[7] == 0).
3.4.1.2
Register “wdogCnt” – Current Value of Watchdog Timer
Table 3.11 Register wdogCnt
Name
Address
Bits
Default
Access
Description
wdogCnt[7:0]
70HEX
[7:0]
00HEX
RO
Lower byte of current watchdog timer value
wdogCnt[15:8]
71HEX
[7:0]
00HEX
RO
Upper byte of current watchdog timer value


Similar Part No. - ZSSC1750

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC1750 RENESAS-ZSSC1750 Datasheet
1Mb / 117P
   Data Acquisition System Basis Chip
April 20, 2016
ZSSC1750EA3R RENESAS-ZSSC1750EA3R Datasheet
1Mb / 117P
   Data Acquisition System Basis Chip
April 20, 2016
ZSSC1750KITV1.1 RENESAS-ZSSC1750KITV1.1 Datasheet
1Mb / 117P
   Data Acquisition System Basis Chip
April 20, 2016
More results

Similar Description - ZSSC1750

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC1750 RENESAS-ZSSC1750 Datasheet
1Mb / 117P
   Data Acquisition System Basis Chip
April 20, 2016
logo
Infineon Technologies A...
TLE9261BQXV33 INFINEON-TLE9261BQXV33 Datasheet
5Mb / 163P
   System Basis Chip
Rev. 1.1 2019-09-27
logo
ON Semiconductor
NCV7429 ONSEMI-NCV7429 Datasheet
612Kb / 43P
   System Basis Chip
March, 2017 ??Rev. 0
logo
Infineon Technologies A...
TLE9261-3BQXV33 INFINEON-TLE9261-3BQXV33 Datasheet
6Mb / 201P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE9262BQX INFINEON-TLE9262BQX Datasheet
5Mb / 174P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE6266G INFINEON-TLE6266G Datasheet
1Mb / 50P
   System Basis Chip
Version 1.06 2002-11-26
TLE9261BQX INFINEON-TLE9261BQX Datasheet
5Mb / 162P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE9263-3BQX INFINEON-TLE9263-3BQX Datasheet
6Mb / 214P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE9262-3BQXV33 INFINEON-TLE9262-3BQXV33 Datasheet
6Mb / 214P
   System Basis Chip
Rev. 1.1 2019-09-27
logo
ON Semiconductor
NCV7428 ONSEMI-NCV7428 Datasheet
171Kb / 17P
   System Basis Chip
June, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com