Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DIN47223 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part No. DIN47223
Description  7/16 PANEL JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

DIN47223 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  DIN47223 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG DIN47223 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
7/16
PANEL JACK
60K431-817N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Frequency
DC to 7.5 GHz
Return loss
 32 dB, DC to 2.5 GHz
 29 dB, 2.5 to 3 GHz
 23 dB, 3 to 5 GHz
Insertion loss
 0.05 dB
Insulation resistance
 104 M
Center contact resistance
 0.4 m
Outer contact resistance
 1.5 m
Working voltage (at sea level)
500 V rms, 50 Hz
Power handling (at 20 °C, sea level, VSWR 1.0)
1800 W @ 1 GHz
800 W @ 4 GHz
RF-leakage
 128 dB up to 1 GHz
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
min. 500
Center contact captivation: axial
 200 N
radial
 2 Ncm
Coupling torque (recommended)
25 to 30 Nm
Proof torque
max. 35 Nm
Environmental data
Temperature range
-45°C to +85°C
Rapid change of temperature
DIN EN 122190, clause 4.6.7
Corrosion salt mist
DIN EN 122190, clause 4.6.10
Vibration
DIN EN 122190, clause 4.6.3
Damp heat
DIN EN 122190, clause 4.6.6
Climatic tests
DIN EN 122190, clause 4.6.5 (45/85/56)
RoHS
compliant
Tooling
Crimping tool
11W150-000
Crimp insert
11W150-215
Suitable cables
RG 214 /U, RG 393 /U
Weight
Weight
105.2 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Inge Mühlauer
29/06/04
J_Gramsamer
01.04.15
g00
15-0397
J_Krautenb.
01.04.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn