Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220T104KARALTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C2220T104KARALTU
Description  Commercial Off-The-Shelf (COTS) for Higher Reliability Applications, X7R Dielectric, 6.3 - 250 VDC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220T104KARALTU Datasheet(HTML) 1 Page - Kemet Corporation

  C2220T104KARALTU Datasheet HTML 1Page - Kemet Corporation C2220T104KARALTU Datasheet HTML 2Page - Kemet Corporation C2220T104KARALTU Datasheet HTML 3Page - Kemet Corporation C2220T104KARALTU Datasheet HTML 4Page - Kemet Corporation C2220T104KARALTU Datasheet HTML 5Page - Kemet Corporation C2220T104KARALTU Datasheet HTML 6Page - Kemet Corporation C2220T104KARALTU Datasheet HTML 7Page - Kemet Corporation C2220T104KARALTU Datasheet HTML 8Page - Kemet Corporation C2220T104KARALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1027_X7R_COTS_SMD • 2/29/2016
1
One world. One KEMET
Overview
KEMET’s COTS program is an extension of KEMET knowledge
of high reliability test regimes and requirements. KEMET regularly
supplies “up-screened” products by working with customer drawings
and imposing specified design and test requirements. The COTS
program offers the same high quality and high reliability components
as up-screened products, but at a lower cost to the customer. This
is accomplished by eliminating the need for customer-specific
drawings to achieve the reliability level required for customer
applications. A series of tests and inspections have been selected
to provide the accelerated conditioning and 100% screening
necessary to eliminate infant mortal failures from the population.
KEMET’s X7R dielectric features a 125°C maximum operating
temperature and is considered “temperature stable.” The
Electronics Components, Assemblies & Materials Association (EIA)
characterizes X7R dielectric as a Class II material. Components of
this classification are fixed, ceramic dielectric capacitors suited for
bypass and decoupling applications or for frequency discriminating
circuits where Q and stability of capacitance characteristics are
not critical. X7R exhibits a predictable change in capacitance
with respect to time and voltage and boasts a minimal change in
capacitance with reference to ambient temperature. Capacitance
change is limited to ±15% from −55°C to +125°C.
All COTS testing includes voltage conditioning and post-electrical
testing as per MIL–PRF–55681. For enhanced reliability, KEMET also
provides the following test level options and conformance certifications:
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Commercial Off-The-Shelf (COTS) for Higher Reliability
Applications, X7R Dielectric, 6.3 – 250 VDC
Ordering Information
C
1210
T
104
K
5
R
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Dielectric
Failure Rate/Design
Termination
Finish1
Packaging/Grade
(C-Spec)
0402
0603
0805
1206
1210
1812
2220
T = COTS
Two
significant
digits +
number of
zeros
J = ±5%
K = ±10%
M = ±20%
9 = 6.3
8 = 10
4 = 16
3 = 25
5 = 50
1 = 100
2 = 200
A = 250
R = X7R A = Testing per MIL–PRF–
55681 PDA 8%
B= Testing per MIL–PRF–
55681 PDA 8%, DPA per
EIA–469
C = Testing per MIL–PRF–
55681 PDA 8%, DPA per EIA–
469, Humidity per MIL–STD–202,
Method 103, Condition A
C = 100%
Matte Sn
L = SnPb (5%
Pb minimum)
See "Packaging
C-Spec
Ordering
Options Table"
below
1
Additional termination finish options may be available. Contact KEMET for details.
Test Level A
Test Level B
Test Level C
Voltage Conditioning
DWV
IR@25°C
CAP
DF
Voltage Conditioning
DWV
IR@25°C
CAP
DF
Voltage Conditioning
DWV
IR@25°C
CAP
DF
PDA 8%
PDA 8%
PDA 8%
C of C
DPA
DPA
C of C
85/85
C of C
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C2220T104KARALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C101JARAC KEMET-C2220C101JARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2220C101KARAC KEMET-C2220C101KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2220C101MARAC KEMET-C2220C101MARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2220C102JGGACTU KEMET-C2220C102JGGACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1000 pF, 5%, 2,000 V, 2220, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C2220C102JZGACTU KEMET-C2220C102JZGACTU Datasheet
71Kb / 1P
   SMD Comm C0G HV, Ceramic, 1000 pF, 5%, 2,500 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 2220
More results

Similar Description - C2220T104KARALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
F9038 KEMET-F9038 Datasheet
153Kb / 8P
   Ceramic Commercial-Off-The-Shelf Surface Mount Capacitors (COTS)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com