Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1205X221ZDNDT Datasheet(PDF) 5 Page - API Technologies Corp

Part # SF1205X221ZDNDT
Description  Surface Mount EMI Filters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF1205X221ZDNDT Datasheet(HTML) 5 Page - API Technologies Corp

  SF1205X221ZDNDT Datasheet HTML 1Page - API Technologies Corp SF1205X221ZDNDT Datasheet HTML 2Page - API Technologies Corp SF1205X221ZDNDT Datasheet HTML 3Page - API Technologies Corp SF1205X221ZDNDT Datasheet HTML 4Page - API Technologies Corp SF1205X221ZDNDT Datasheet HTML 5Page - API Technologies Corp SF1205X221ZDNDT Datasheet HTML 6Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Soldering Instructions
General Soldering Notes
1. High soldering temperatures and long soldering
times can cause leaching of the termination and
adversely affect adhesion. These conditions can
also decrease capacitance value. Use the above
recommended solder temperature cycle.
2. Due to the mechanical characteristic of ceramic
composition, aggressive thermal shock will
degrade performance. Preheat the assembly
before soldering using the above solder
temperature profile as a guide.
3. Use mild flux (less than 0.2% by weight of
Chlorine), preferable rosin based. If water soluble,
wash thoroughly to assure all residue is removed
from the underside of components.
4. Ultrasonic Cleaning
When using an ultrasonic cleaning method,
the following range is recommended:
Frequency: Not to exceed 28kHz
Output Power: Not to exceed 20W/liter
Cleaning Time: 5 minutes max
C
A
B
Through hole
.016 to .024
(0.4 to 0.6)
Top view
Bottom view
Connects
to top
Copper
RecommendedBoardPattern
RecommendedBoardPattern
ReflowSoldering
0
60-120
Preheat
Solder
Cool down
50
100
150
200
250
10 max.
120 min.
130 to 150°C
220 to 240°C
Seconds
RecommendedSolderTemperatureProfile
FlowSoldering
FlowSoldering
ReflowSoldering
0
60-120
Preheat
Solder
Cool down
50
100
150
200
250
3-4
120 min.
130 to 150°C
220 to 250°C
Seconds
RecommendedSolderTemperatureProfile
D
A
B
Through hole
.016 to .024
(0.4 to 0.6)
Top view
Bottom view
Connects
to top
E
C
F
Copper
Resist
Surface Mount EMI Filters
Three Terminal Chips
Soldering Specifications
SM6
Board Pattern Dimensions in inches
(mm)
Board Pattern Dimensions in inches
(mm)
Body
Dimension
Style/Size
AB
C
SF0603
0.020
0.047
0.031
(0.5)
(1.2)
(0.8)
SF0805
0.024
0.059
0.039
(0.6)
(1.5)
(1.0)
SF1205
0.051
0.091
0.047
(1.3)
(2.3)
(1.2)
SF1806
0.079
0.138
0.051
(2.0)
(3.5)
(1.3)
Body
Dimension
Style/Size AB C D E F
SF0603 0.020 0.031 0.047 0.031 0.071 0.016
(0.5)
(0.8)
(1.2)
(0.8)
(1.8)
(0.4)
SF0805 0.024 0.031 0.059 0.039 0.087 0.024
(0.6)
(0.8)
(1.5)
(1.0)
(2.2)
(0.6)
SF1205 0.051 0.059 0.091 0.047 0.118 0.024
(1.3)
(1.5)
(2.3)
(1.2)
(3.0)
(0.6)
SF1806 0.059 0.079 0.138 0.051 0.118 0.024
(1.5)
(1.5)
(3.5)
(1.3)
(3.0)
(0.6)


Similar Part No. - SF1205X221ZDNDT

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1205X222SBNB APITECH-SF1205X222SBNB Datasheet
2Mb / 21P
   Surface Mount EMI Filters
SF1205X223SBNB APITECH-SF1205X223SBNB Datasheet
2Mb / 21P
   Surface Mount EMI Filters
More results

Similar Description - SF1205X221ZDNDT

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1-402Z-10T0 APITECH-PSM1-402Z-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1F-152M-10T0 APITECH-PSM1F-152M-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
logo
Murata Manufacturing Co...
BLM11A471SGPT MURATA-BLM11A471SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
logo
ECM Electronics Limited...
ECF45 ECM-ECF45 Datasheet
89Kb / 1P
   Surface Mount Crystal Filters
logo
Coilcraft lnc.
S3LP156L COILCRAFT-S3LP156L Datasheet
423Kb / 2P
   Surface Mount LC Filters
S3LP156LC COILCRAFT-S3LP156LC Datasheet
517Kb / 2P
   Surface Mount LC Filters
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
   Surface Mount Low Pass Filters
SSM-RSM APITECH-SSM-RSM Datasheet
189Kb / 2P
   Surface Mount Low Pass Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com