Electronic Components Datasheet Search |
|
C921U472MZSDAA7317 Datasheet(PDF) 2 Page - Kemet Corporation |
|
C921U472MZSDAA7317 Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 16 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017 2 Radial Leaded Ceramic Disc Capacitors Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade) Packaging C-Spec Ordering Options Table Packaging Type Lead Length (mm)2,3 Packaging Ordering Code (C-Spec) Ammo Pack 20.0+1.5/−1.0 (straight leads) 18.0+2.0/−0 (preformed leads1) 7317 Bulk Bag 3.0±1.0 WL30 3.5±1.0 WL35 4.0±1.0 WL40 4.5±1.0 WL45 5.0±1.0 WL50 20.0 minimum4 WL20 1 Preformed (crimped) lead configurations include vertical kink, outside kink and inside kink. See "Lead Configurations" and "Ordering Information" sections of this document for further details. 2 "Vertical Kink", "Outside Kink" and "Inside Kink" lead configurations cannot be combined with the bulk/20 mm lead length option (WL20). 20 mm lead length is only available on capacitors with straight leads (lead configuration ordering code "A"). For nonstandard lead length inquiries, please contact KEMET. 3 For nonstandard lead length inquiries, please contact KEMET. 4 Lead length of 20.0 mm minimum only available for straight leads. Benefits • Safety Standard Recognized (IEC 60384–14) • Reliable operation up to 125°C • Class X1/Y2 • 7.5 mm and 10 mm lead spacing • Lead (Pb)-free and RoHS Compliant • Halogen free • Capacitance offerings ranging from 10 pF up to 10 nF • Available capacitance tolerances of ±5%, ±10% and ±20% • High reliability • Preformed (crimped) or straight lead configurations • Non-polar device, minimizing installation concerns • Encapsulation meets flammability standard UL 94V–0 Applications Typical applications include: • Line-to-line (Class X) filtering • Line-to-ground (Class Y) filtering • Antenna coupling • Primary and secondary coupling (switching power supplies) • Line disturbances suppression (motors and motor controls, relays, switching power supplies, and inverters) |
Similar Part No. - C921U472MZSDAA7317 |
|
Similar Description - C921U472MZSDAA7317 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |