Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C967U472KZSDAA7317 Datasheet(PDF) 11 Page - Kemet Corporation

Part # C967U472KZSDAA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C967U472KZSDAA7317 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C967U472KZSDAA7317 Datasheet HTML 7Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 8Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 9Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 10Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 11Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 12Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 13Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 14Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017 11
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Marking
These capacitors shall be stamped or laser marked with KEMET's trademark, type designation, capacitor class, rated voltage,
rated capacitance and capacitance tolerance codes. In addition, all devices are marked with the recognized approval mark
and a date/lot code for traceability. Marking will be supplied either on one side or both sides of the encapsulated capacitor
body. All marking shall be legible to allow for clear identification of the component. Marking appears in legible contrast.
Illustrated below is an example of the marking format and content. (Two sided marking is limited to capacitors with body
diameters ≤ 8.0 mm.)
Single Sided
UL approval mark
VDE & ENEC
approval marks
IEC 60384-14 3rd
(2005)
Rated Capacitance
(3 Numeric Characters)
Capacitance Tolerance Code
(1 Character)
Capacitor Class
and Rated Voltage
KEMET ID
Type Designation
(2 Characters)
Date/Lot Code
(See Table Below)
Double Sided
Capacitor Class
and Rated Voltage
Front
Back
KEMET ID
Type Designation
(2 Characters)
VDE & ENEC
approval marks
IEC 60384-14 3rd
(2005)
UL approval mark
Date/Lot Code
(See Table Below)
Rated Capacitance
(3 Numeric Characters)
Capacitance
Tolerance Code
(1 Character)
Date/Lot Code Explanation
6
C
6
1234
Last digit of year,
e.g.,
6 = 2016
Manufacturing
Location Code
Manufacturing
Month:
1-9 = Jan - Sept
A = October
N = November
D = December
Last 4 digits of
lot no.


Similar Part No. - C967U472KZSDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C967U472MYWDAAWL45 KEMET-C967U472MYWDAAWL45 Datasheet
55Kb / 1P
   Ceramic, Safety, C900_Y, 4700 pF, 20%, Y5U, Lead Spacing = 7.5mm
C967U472MYWDBA7317 KEMET-C967U472MYWDBA7317 Datasheet
59Kb / 1P
   Ceramic, Safety, C900_Y, 4700 pF, 20%, Y5U, Lead Spacing = 7.5mm
More results

Similar Description - C967U472KZSDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
logo
Vishay Siliconix
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com