Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C967U472KZSDAA7317 Datasheet(PDF) 7 Page - Kemet Corporation

Part # C967U472KZSDAA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C967U472KZSDAA7317 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C967U472KZSDAA7317 Datasheet HTML 3Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 4Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 5Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 6Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 7Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 8Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 9Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 10Page - Kemet Corporation C967U472KZSDAA7317 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017
7
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Table 2 – Performance & Reliability: Test Methods and Conditions cont'd
Item
Specification
Test Method
Solderability
Lead wire should have a uniform coating
of solder in the axial direction and over
3/4 of its circumference.
The lead wire of the capacitor is dipped into molten solder for
5±0.5 seconds. The depth of immersion is up to 1.5 mm
(+5/−0 mm) from the root of lead wires.
Solder Temperature: Lead free solder (Sn-3Ag – 0.5Cu)
245°C ±5°C.
Soldering Effect
(Non-Preheat)
Appearance
No visual defect
As shown in the figure below, the lead wires are immersed in
molten solder up to 1.5 mm (+5/−0 mm) from the end of the
epoxy meniscus (root of lead wire).
Duration/Solder Temperature: 3.5±0.5 seconds/350°C ±10°C or
10±1 seconds/260°C ±5°C
Molten
Solder
1.5 to
2.0 mm
Capacitor
Thermal
Screen
Pre-treatment: Capacitor is stored at 85°C ±2°C for 1 hour and
then placed at room condition1 for 24 ±2 hours before initial
measurements.
Post-treatment: Capacitor is stored for 1 to 2 hours at room
condition1.
IR
1,000 MΩ
Dielectric
Strength
Per item 1
Capacitance
Y5P, Y5U and Y5V: Within ±10%
SL: Within ±2.5% or ±0.25 pF, whichever
is larger.
Soldering Effect
(Preheat)
Appearance
No visual defect
Capacitor is stored at 120°C +0/−5°C for 60 +0/−5 seconds.
Then, as shown in the figure below, the lead wires are immersed
in molten solder up to 1.5 mm (+5/-0mm) from the end of the
epoxy meniscus (root of lead wire).
Duration/Solder Temperature: 7.5 +0/−1 seconds/260°C ±5°C
Molten
Solder
1.5 to
2.0 mm
Capacitor
Thermal
Screen
Pre-treatment: Capacitor is stored at 85°C ±2°C for 1 hour and
then placed at room condition1 for 24 ±2 hours before initial
measurements.
Post-treatment: Capacitor is stored for 1 to 2 hours at room
condition1.
IR
1,000 MΩ
Dielectric
Strength
Per item 1
Capacitance
Y5P, Y5U and Y5V: Within ±10%
SL: Within ±2.5% or ±0.25 pF, whichever
is larger.
Biased Humidity
Appearance
No visual defect
Steady State Humidity:
Load Humidity:
Capacitance
Temperature
Characteristics
Capacitance
Change
Y5P
Within ±10%
Y5U
Within ±20%
Y5V
Within ±30%
SL
Within ±2.5% or
±0.25 pF, whichever
is larger.
90 to 95% humidity at 40°C
±2°C for 500 ±12 hours.
Post Treatment:
Capacitor is stored for 1 to 2
hours at room condition1.
90 to 95% humidity at 40°C
±2°C for 500 ±12 hours with
full rated voltage applied.
Post Treatment:
Capacitor is stored for 1 to 2
hours at room condition1.
DF
Y5P and Y5U: 5.0% maximum
Y5V: 7.5% maximum
Q
SL: Less than 30 pF:
Q ≥ 100 + 10 × C/3
More than 30 pF: Q ≥ 200
C = Nominal capacitance
IR
Y5P, Y5V and Y5U: 3,000 MΩ minimum
SL: 1,000 MΩ minimum
Dielectric
Strength
No failures
1
“Room Condition” is defined as follows: Temperature: 15 ~ 35°C/Humidity: 45 ~ 75%/Atmospheric Pressure: 86 ~ 106 kPa.


Similar Part No. - C967U472KZSDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C967U472MYWDAAWL45 KEMET-C967U472MYWDAAWL45 Datasheet
55Kb / 1P
   Ceramic, Safety, C900_Y, 4700 pF, 20%, Y5U, Lead Spacing = 7.5mm
C967U472MYWDBA7317 KEMET-C967U472MYWDBA7317 Datasheet
59Kb / 1P
   Ceramic, Safety, C900_Y, 4700 pF, 20%, Y5U, Lead Spacing = 7.5mm
More results

Similar Description - C967U472KZSDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
logo
Vishay Siliconix
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com