Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206T104J2RALTU Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1206T104J2RALTU
Description  Commercial Off-The-Shelf (COTS) for Higher Reliability Applications, X7R Dielectric, 6.3 - 250 VDC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206T104J2RALTU Datasheet(HTML) 2 Page - Kemet Corporation

  C1206T104J2RALTU Datasheet HTML 1Page - Kemet Corporation C1206T104J2RALTU Datasheet HTML 2Page - Kemet Corporation C1206T104J2RALTU Datasheet HTML 3Page - Kemet Corporation C1206T104J2RALTU Datasheet HTML 4Page - Kemet Corporation C1206T104J2RALTU Datasheet HTML 5Page - Kemet Corporation C1206T104J2RALTU Datasheet HTML 6Page - Kemet Corporation C1206T104J2RALTU Datasheet HTML 7Page - Kemet Corporation C1206T104J2RALTU Datasheet HTML 8Page - Kemet Corporation C1206T104J2RALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1027_X7R_COTS_SMD • 2/29/2016
2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Commercial Off-The-Shelf (COTS) for Higher Reliability Applications, X7R Dielectric, 6.3 – 250 VDC
Packaging C-Spec Ordering Options Table
Packaging Type1
Packaging/Grade
Ordering Code (C-Spec)
Bulk Bag / Unmarked
Not required (Blank)
7" Reel / Unmarked
TU
13" Reel / Unmarked
7411 (EIA 0603 and smaller case sizes)
7210 (EIA 0805 and larger case sizes)
7" Reel / Marked
TM
13" Reel / Marked
7040 (EIA 0603 and smaller case sizes)
7215 (EIA 0805 and larger case sizes)
7" Reel / Unmarked / 2mm pitch2
7081
13" Reel / Unmarked / 2mm pitch2
7082
1
Default packaging is "Bulk Bag". An ordering code C-Spec is not required for "Bulk Bag" packaging.
1
The terms "Marked" and "Unmarked" pertain to laser marking option of capacitors. All packaging options labeled as "Unmarked" will contain capacitors that have
not been laser marked. Please contact KEMET if you require a laser marked option. For more information see "Capacitor Marking".
2
The 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. This option is limited to EIA 0603 (1608 metric) case size
devices. For more information regarding 2 mm pitch option see "Tape & Reel Packaging Information".
Benefits
• −55°C to +125°C operating temperature range
• Lead (Pb)-Free, RoHS and REACH compliant
• Voltage conditioning and post-electrical testing per MIL–PRF–
55681
• Destructive Physical Analysis (DPA) per EIA–469
• Biased humidity testing (85/85) per MIL–STD–202
• Certificate of Compliance
• Temperature stable dielectric
• EIA 0402, 0603, 0805, 1206, 1210, 1812, and 2220 case sizes
• DC voltage ratings of 6.3 V, 10 V, 16 V, 25 V, 50 V, 100 V, 200 V,
and 250 V
• Capacitance offerings ranging from 10 pF to 22 μF
• Available capacitance tolerances of ±5%, ±10%, and ±20%
• Non-polar device, minimizing installation concerns
• 100% pure matte tin-plated termination finish allowing for
excellent solderability
• SnPb termination finish option available upon request (5% Pb
minimum)
Applications
Typical applications include military, space quality and high reliability electronics.


Similar Part No. - C1206T104J2RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206T103K5RACTU KEMET-C1206T103K5RACTU Datasheet
59Kb / 1P
   SMD COTS X7R, Ceramic, COTS, 0.01 uF, 10%, 50 VDC, X7R, SMD, MLCC, COTS, Temperature Stable, Class II, 1206
C1206T105K3RACTU KEMET-C1206T105K3RACTU Datasheet
59Kb / 1P
   SMD COTS X7R, Ceramic, COTS, 1 uF, 10%, 25 VDC, X7R, SMD, MLCC, COTS, Temperature Stable, Class II, 1206
C1206T105K5RACTU KEMET-C1206T105K5RACTU Datasheet
59Kb / 1P
   SMD COTS X7R, Ceramic, COTS, 1 uF, 10%, 50 VDC, X7R, SMD, MLCC, COTS, Temperature Stable, Class II, 1206
C1206T106K4RACTU KEMET-C1206T106K4RACTU Datasheet
59Kb / 1P
   SMD COTS X7R, Ceramic, COTS, 10 uF, 10%, 16 VDC, X7R, SMD, MLCC, COTS, Temperature Stable, Class II, 1206
C1206T106K4RALTU KEMET-C1206T106K4RALTU Datasheet
57Kb / 1P
   SMD COTS X7R, Ceramic, COTS, 10 uF, 10%, 16 V, X7R, SMD, MLCC, COTS, Temperature Stable, Class II, 1206
More results

Similar Description - C1206T104J2RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
F9038 KEMET-F9038 Datasheet
153Kb / 8P
   Ceramic Commercial-Off-The-Shelf Surface Mount Capacitors (COTS)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com