Electronic Components Datasheet Search |
|
INCC-ID Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell |
|
INCC-ID Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell |
1 / 5 page GAMEWELL-FCI 12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118 Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use. ©2014 by Honeywell International Inc. All rights reserved. www.gamewell-fci.com 9020-0613 Rev. M page 1 of 5 E3 Series® Broadband System Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System APPROVED Class 1 Class 2 High Rise City of Chicago Approved City of Denver Approved 7165-1703:125 FDNY #: 6175 COA # 231-06-E MEA Approved 3025415 FM SIGNALING S1869 Description The Gamewell-FCI, E3 Series® Broadband System includes the NetSOLO® Broadband System. Like the Net- SOLO Broadband System, the E3 Series Broadband is of modular design and allows a wide range of configurations from two basic sub-assemblies. These sub-assemblies form an integrated, distributed fire alarm system that includes audio evacuation and fire command capability. The network communication transmits all fire alarm, audio evacuation, voice paging, and fire fighter communications. This System can be used as a component of the following E3 Series Systems: • E3 Series Broadband Voice Evacuation System • E3 Series Combined Fire and Mass Notification System The E3 Series Broadband is a revolutionary advance in fire detection and emergency voice evacuation system design. E3 Series Broadband employs proven technology and expands it to accomplish emergency multi-channel voice evacuation, two-way fire fighter communications, and building control applications, all over a single pair of wires or fiber-optic cable. It is a true peer-to-peer, token ring passing, networked sys- tem capable of supporting up to 64 individual nodes. In addition, the Addressable Node Expander (ANX) board expands the network to 122 nodes. All system status, con- trol-by-event sequences, audio voice paging, and fire fighter telephone signals are sent between nodes over a single pair of wires or fiber-optic cable. Each E3 Series Broadband node can be spaced along the network a maximum distance of 3,000 feet (914.4 m) over an unshielded, twisted-pair of wires or fiber-optic cable with up to 8dB loss. Built-in isolation at each node permits Style 4, 6, and 7 network configurations. The E3 Series Broadband is simple to configure for any project requirement. A complete E3 Series Broadband application can be assembled from the following types of nodes; the ILI-E3/ILI95-E3 Series, ANX, the INCC Com- mand Center, and the INX Transponder. The E3 Series Broadband System is capable of the most sophisticated sequences of operations. E3 Series® and NetSOLO® are registered trademarks of Honeywell International Inc. UL® is a registered trademark of Underwriters Laboratories Inc Features • IBC Seismic Certified. • Listed under UL® Standard 864, 9th Edition. • Listed under UL Standard UL2572 for Mass Notification. • UL Listed for smoke control (dedicated and non-dedicated) when properly configured. • FM/UL Listed for Pre-action/Deluge use. • All communication signals and control-by-event sequences over a single pair of twisted, unshielded wires or fiber-optic cable. • Distributed architecture, including Style 7 wiring configurations, allow system components to continue normal operation with no loss of function during single line fault conditions. • Integrates INX transponders and INCC command cen- ters to create a complete audio evacuation system with up to 122 nodes. • Redundant command centers with microphone and fire fighter’s handset are easily configured by adding INCCs. • Uses state-of-the-art digital signal processor (DSP) technology for efficient audio compression and filtering. • Provides up to 150 watts of audio power from 3 AM-50 Series amplifiers with an additional 50 watts of standby power in each Intelligent Network Transponder (INX). E3 Series Broadband |
Similar Part No. - INCC-ID |
|
Similar Description - INCC-ID |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |