Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INI-VGC Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # INI-VGC
Description  Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

INI-VGC Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  INI-VGC Datasheet HTML 1Page - Gamewell-FCI by Honeywell INI-VGC Datasheet HTML 2Page - Gamewell-FCI by Honeywell INI-VGC Datasheet HTML 3Page - Gamewell-FCI by Honeywell INI-VGC Datasheet HTML 4Page - Gamewell-FCI by Honeywell INI-VGC Datasheet HTML 5Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0613 Rev. M page 2 of 5
www.gamewell-fci.com
Description (Continued)
The Field Configuration Program (FCP) is based on Bool-
ean logic statements providing AND, OR, NOT, and XOR
logic operators. These operators can be combined to pro-
duce additional Boolean operators such as NAND, NOR,
XNOR. The E3 Series Broadband is software-programma-
ble for multi-channel digital audio applications. It is ideal
for use with a wide range of complex system applications
including high-rise or campus installations. An array of
cabinets allows for neat, compact, installations.
A comprehensive set of timing functions can be attached
to any input/output logic statement for the staggered reset
of fan control relays, time-delayed alarm activation, auto-
matic. The E3 is a microprocessor-based fire alarm control
panel that uses an ILI-E3/ILI95-E3 Series, Intelligent Loop
Module or the ANX with two signaling line circuits and two
notification appliance circuits. When the E3 Series trans-
mits to remote locations, the optional RPT-E3 provides the
ILI-E3/ILI95-E3 Series or the ANX with signal boosting and
transient protection, as well as connectivity for both wire
and fiber-optic cables. Options also include an integral
Digital Alarm Communicator Transmitter (DACT) support-
ing most popular reporting formats.
INCC (Intelligent Network Command Center)
The Intelligent Network Command Center (INCC) serves
as the point of interface between an operator and the sys-
tem’s audio evacuation, fire fighter intercom, and building
network. The INCC occupies a single address on the E3
Series Broadband network. A typical INCC assembly con-
sists of the following:
• Intelligent Network Interface-Voice Gateway (INI-VGC-
FO or INI-VGC-UTP) module (fiber-optic or unshielded
twisted-pair).
• INI-VGC-UTP (unshielded twisted-pair only).
• One or more Addressable Switch Modules (ASM-16).
• Optional Network Graphic Annunciator (NGA).
• Remote 48 LED driver module (ANU-48).
Other component options include a paging microphone
and a fire fighter’s handset connecting to the INI-VGC-FO
or INI-VGC-UTP. Each INI-VGC can support up to 16
ASM-16 modules.
Each ASM-16 has 16 push-button switches for a maximum
capacity of 256 switches per INI-VGC command center.
Each switch has three associated LEDs, colored green,
yellow, and red. These switches and their LEDs are fully
programmable to serve any system function desired.They
can control audio speaker circuits, notification appliance
circuits, addressable relay outputs, fire fighter phone con-
trol circuits, or any other special application that might be
required.
Multiple INCCs can be configured into the E3 Series
Broadband network to serve as a completely independent
command center to operate for the local area or to operate
as remote command centers mimicking, in part or in
whole, the function of a main command center.
INX (Intelligent Network Transponder)
The Intelligent Network Transponder (INX) acts as
a network audio transponder for the E3 Series Broadband
Network. The INX transponder serves as the point of distri-
bution for the system’s audio and fire fighter telephone cir-
cuits and occupies a single node on the E3 Series
Broadband network.
A typical INX assembly consists of the following compo-
nents:
ILI-MB-E3/ILI95-MB-E3 • ILI-S-E3/ILI95-S-E3
• ANX
• PM-9/PM-9G power supply
• INI-VGX Module
• Up to four AM-50 Series
amplifiers
The INX transponder occupies a single address on the
network and provides termination points for the network
connection using either a pair of unshielded twisted-pair
wire or fiber-optic cable.
The INX transponder receives its power from a PM-9/PM-
9G, 9 ampere, filtered, switching power supply providing
24 VDC nominal operating voltage. The PM-9/PM-9G has
an integral standby battery charger capable of recharging
up to 55 A/H batteries. The E3BB-BB-BC/INX cabinet can
house up to 18 A/H sized batteries.
INI-VGX (Intelligent Network Interface-Voice Gateway)
The INI-VGX uses advanced Digital Signal Processing
(DSP) technology for audio compression and filtering
allowing the E3 Series Broadband to produce the clearest
audio possible while conserving network bandwidth for
instantaneous response. Background noise is automati-
cally filtered during voice paging and fire fighter communi-
cations increasing audibility and eliminating the need for
push-to-talk devices.
The INI-VGX can accommodate up to 16 different mes-
sages with a total combined duration of three minutes.
Each message can be field installed via a laptop computer
and can be in the form of a voice message or an evacua-
tion tone.
The INI-VGX also provides a fire fighter phone riser and an
addressable signaling line circuit connecting to multiple
phone jacks or warden stations through as many as 16
AOM-TELF modules. In addition, the INI-VGX SLC can
support up to 32 speaker circuits using the AOM-2SF for
single channel applications.
AM-50 Series Amplifiers
The INX or INX CAB-B cabinet can contain up to four AM-
50 Series amplifiers that produce 50 watts of power @
either 25 VRMS or 70.7 VRMS audio output. Each amplifier
includes two separate speaker circuits that can be wired
Style Y (Class B) or Style Z (Class A). In addition, each
amplifier can produce its own tone or message inde-
pendently of other system amplifiers. Thus, an INX tran-
sponder
can
produce
three
audio
channels
simultaneously. Each INX transponder can support up to
four AM-50 Series amplifiers operating as main amplifiers
with one AM-50 Series amplifier used as a fail-safe backup
amplifier.


Similar Part No. - INI-VGC

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
INI-VGC GAMEWELL-FCI-INI-VGC Datasheet
210Kb / 4P
   Command center voice gateway
INI-VGC GAMEWELL-FCI-INI-VGC Datasheet
92Kb / 4P
   Intelligent Network Command Center
INI-VGC GAMEWELL-FCI-INI-VGC_13 Datasheet
92Kb / 4P
   Intelligent Network Command Center
More results

Similar Description - INI-VGC

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
150-00026 GAMEWELL-FCI-150-00026 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
VSYS1 GAMEWELL-FCI-VSYS1 Datasheet
132Kb / 2P
   Emergency Voice Evacuation
logo
Radiometrix Ltd
M1144 RADIOMETRIX-M1144 Datasheet
208Kb / 8P
   Mesh Networked Alarm Control System
logo
Gamewell-FCI by Honeywe...
AASERIES GAMEWELL-FCI-AASERIES Datasheet
56Kb / 1P
   Amplifiers for Emergency Voice Evacuation Systems
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
AAD-9400X GAMEWELL-FCI-AAD-9400X Datasheet
388Kb / 2P
   Intelligent Fire Alarm Aspiration Sensing Technology
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
GWACC GAMEWELL-FCI-GWACC Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com