Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1806C221SDNBT Datasheet(PDF) 3 Page - API Technologies Corp

Part # SF1806C221SDNBT
Description  Surface Mount EMI Filters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF1806C221SDNBT Datasheet(HTML) 3 Page - API Technologies Corp

  SF1806C221SDNBT Datasheet HTML 1Page - API Technologies Corp SF1806C221SDNBT Datasheet HTML 2Page - API Technologies Corp SF1806C221SDNBT Datasheet HTML 3Page - API Technologies Corp SF1806C221SDNBT Datasheet HTML 4Page - API Technologies Corp SF1806C221SDNBT Datasheet HTML 5Page - API Technologies Corp SF1806C221SDNBT Datasheet HTML 6Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Surface Mount EMI Filters
Three Terminal Chips
SM4
70
60
50
40
30
20
10
0
110
100
Frequency (MHz)
1000
80
1 Amp
22,000
Insertion Loss (Per MIL-STD-220)
SF1205 Series
SF1806 Series
70
60
50
40
30
20
10
0
0.1
110
100
Frequency (MHz)
1000
80
1 Amp
47,000
70
60
50
40
30
20
10
0
0.1
1
10100
Frequency (MHz)
1000
80
2 Amp
220,000
70
60
50
40
30
20
10
0
110
100
Frequency (MHz)
1000
80
0.4 Amp
470
2,200
1,000
220
100
47
22
70
60
50
40
30
20
10
0
110
100
Frequency (MHz)
1000
80
2,200
1,000
470
220
100
47
22
0.3 Amp
22,000
70
60
50
40
30
20
10
0
110
100
Frequency (MHz)
1000
80
2,200
1,000
470
220
100
47
22
22,000
10,000
0.3 Amp
SF0805 Series
Frequency (MHz)
0.3 and 0.5 Amps
0.1
1
10
10000
50
0
80
70
60
40
30
20
10
100
1000
2200
22000
1000
220
470
100
47
22
Frequency (MHz)
1 Amp
0.1
1
10
10000
50
0
80
70
60
40
30
20
10
100
1000
0.01
Frequency (MHz)
0.3 and 0.5 Amps
0.1
1
10
10000
50
0
80
70
60
40
30
20
10
100
1000
2200
22000
1000
220
470
100
47
22
Frequency (MHz)
1 Amp
0.1
1
10
10000
50
0
80
70
60
40
30
20
10
100
1000
0.01
SF0603 Series


Similar Part No. - SF1806C221SDNBT

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1806C221SDNB APITECH-SF1806C221SDNB Datasheet
2Mb / 21P
   Surface Mount EMI Filters
More results

Similar Description - SF1806C221SDNBT

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1-402Z-10T0 APITECH-PSM1-402Z-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1F-152M-10T0 APITECH-PSM1F-152M-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
logo
Murata Manufacturing Co...
BLM11A471SGPT MURATA-BLM11A471SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
logo
ECM Electronics Limited...
ECF45 ECM-ECF45 Datasheet
89Kb / 1P
   Surface Mount Crystal Filters
logo
Coilcraft lnc.
S3LP156L COILCRAFT-S3LP156L Datasheet
423Kb / 2P
   Surface Mount LC Filters
S3LP156LC COILCRAFT-S3LP156LC Datasheet
517Kb / 2P
   Surface Mount LC Filters
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
   Surface Mount Low Pass Filters
SSM-RSM APITECH-SSM-RSM Datasheet
189Kb / 2P
   Surface Mount Low Pass Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com