Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APB3025SURKQWDF-AMT Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APB3025SURKQWDF-AMT
Description  SURFACE MOUNT LED LAMP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APB3025SURKQWDF-AMT Datasheet(HTML) 2 Page - Kingbright Corporation

  APB3025SURKQWDF-AMT Datasheet HTML 1Page - Kingbright Corporation APB3025SURKQWDF-AMT Datasheet HTML 2Page - Kingbright Corporation APB3025SURKQWDF-AMT Datasheet HTML 3Page - Kingbright Corporation APB3025SURKQWDF-AMT Datasheet HTML 4Page - Kingbright Corporation APB3025SURKQWDF-AMT Datasheet HTML 5Page - Kingbright Corporation APB3025SURKQWDF-AMT Datasheet HTML 6Page - Kingbright Corporation APB3025SURKQWDF-AMT Datasheet HTML 7Page - Kingbright Corporation APB3025SURKQWDF-AMT Datasheet HTML 8Page - Kingbright Corporation APB3025SURKQWDF-AMT Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SPEC NO: DSAL3639
REV NO: V.3A
DATE: OCT/13/2015
PAGE: 2 OF 9
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1203012075
Selection Guide
Notes:
1.θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2.Luminous intensity/ luminous Flux: +/-15%.
*Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Part No.
Emitting Color (Material)
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Code.
Min.
Max.
2θ1/2
APB3025SURKQWDF-AMT
Hyper Red (AlGaInP)
Yellow Fluorescent
N
120
200
120
°
P
200
300
Q
300
400
*P
*200
*300
*Q
*300
*400
*R
*400
*500
White (InGaN)
R
400
500
Q
300
400
P
200
300
*G
*40
*55
*H
*55
*80
*M
*80
*120
Absolute Maximum Ratings at TA=25°C
Note:
1.1/10 Duty Cycle, 0.1ms Pulse Width.
2.Rth(max) is based on statistic values.
Parameter
Symbol
Value
Unit
Hyper Red
White
Power dissipation
PD
75
80
mW
Operating Temperature
Top
-40 To+ 100
°C
Storage Temperature
Tstg
°C
Junction temperature
TJ
115
115
°C
DC Forward Current (TA=25°C)
IF
30
20
mA
Peak Forward Current [1] (TA=25°C)
IFM
185
150
mA
Reverse Voltage (TA=25°C)
VR
5
5
V
Electrostatic Discharge Threshold (HBM)
3000
250
V
-40 To+ 110
Thermal resistance
1 chip on (typ.)
(
Junction/ambient)
2 chip on (typ.)
590
700
550
670
°C/W
Rth j-a
Rth j-a


Similar Part No. - APB3025SURKQWDF-AMT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APB3025SURKQWDF-AMT TO-GRACE-APB3025SURKQWDF-AMT Datasheet
1Mb / 9P
   3.0x2.5mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
APB3025SURKQWDF-AMT KINGBRIGHT-APB3025SURKQWDF-AMT_15 Datasheet
350Kb / 9P
   3.0x2.5mm SURFACE MOUNT LED LAMP
More results

Similar Description - APB3025SURKQWDF-AMT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
   SURFACE MOUNT LED LAMP
AM23YD-F KINGBRIGHT-AM23YD-F Datasheet
280Kb / 5P
   SURFACE MOUNT LED LAMP
AM23ESGW KINGBRIGHT-AM23ESGW Datasheet
324Kb / 6P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP600CRTR FAIRCHILD-QTLP600CRTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
KM-23ESGW KINGBRIGHT-KM-23ESGW Datasheet
156Kb / 5P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C7TR FAIRCHILD-QTLP670C7TR Datasheet
160Kb / 7P
   SURFACE MOUNT LED LAMP
logo
Everlight Electronics C...
QTLP603CIWTR EVERLIGHT-QTLP603CIWTR Datasheet
1Mb / 7P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-T FAIRCHILD-QTLP670C-T Datasheet
178Kb / 8P
   SURFACE MOUNT LED LAMP
QTLP601C-EB FAIRCHILD-QTLP601C-EB Datasheet
352Kb / 6P
   SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com