Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA4040QWS Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AA4040QWS
Description  Suitable for all SMD assembly and solder process
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA4040QWS Datasheet(HTML) 3 Page - Kingbright Corporation

  AA4040QWS Datasheet HTML 1Page - Kingbright Corporation AA4040QWS Datasheet HTML 2Page - Kingbright Corporation AA4040QWS Datasheet HTML 3Page - Kingbright Corporation AA4040QWS Datasheet HTML 4Page - Kingbright Corporation AA4040QWS Datasheet HTML 5Page - Kingbright Corporation AA4040QWS Datasheet HTML 6Page - Kingbright Corporation AA4040QWS Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAL0882
REV NO: V.4B
DATE: OCT/24/2016
PAGE: 3 OF 7
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: W.Q.Zhong
ERP: 1201006293
Selection Guide
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Part No.
Emitting Color (Material)
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AA4040QWS/D
White (InGaN)
Water Clear
300
600
120
°
Iv (mcd) [2]
@ 20mA
Parameter
Values
Units
Power dissipation
120
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C
Electrostatic Discharge Threshold (HBM)
250
V
Symbol
Parameter
Emitting Color
Typ.
Max.
Units
Test Conditions
VF [1]
Forward Voltage
White
3.3
4.0
V
IF=20mA
IR
Reverse Current
White
50
uA
VR = 5V
x [2]
Chromaticity Coordinates
0.31
y [2]
0.31
C
Capacitance
White
100
pF
VF=0V;f=1MHz
White
Notes:
1. Forward Voltage: +/-0.1V.
2: Measurement Tolerance Of The Chromaticity Coordinates Is ±0.01.
3. Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous Flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static
electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.


Similar Part No. - AA4040QWS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040QWS-D KINGBRIGHT-AA4040QWS-D Datasheet
273Kb / 7P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040QWS-D TO-GRACE-AA4040QWS-D Datasheet
865Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
AA4040QWS/D TO-GRACE-AA4040QWS/D Datasheet
865Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
More results

Similar Description - AA4040QWS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040VWD1S KINGBRIGHT-AA4040VWD1S Datasheet
304Kb / 7P
   Suitable for all SMD assembly and solder process
logo
Ningbo Foryard Optoelec...
FYLS-3528RGBC-CA FORYARD-FYLS-3528RGBC-CA Datasheet
496Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528URC FORYARD-FYLS-3528URC_12 Datasheet
498Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528PG2C FORYARD-FYLS-3528PG2C Datasheet
488Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528UW2C FORYARD-FYLS-3528UW2C Datasheet
493Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528UWC FORYARD-FYLS-3528UWC_12 Datasheet
506Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528BURC FORYARD-FYLS-3528BURC Datasheet
499Kb / 9P
   Suitable for all SMT assembly and soldering method
FYLS-3528BUBC FORYARD-FYLS-3528BUBC Datasheet
526Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528UYC FORYARD-FYLS-3528UYC_12 Datasheet
498Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528BPGC FORYARD-FYLS-3528BPGC Datasheet
529Kb / 9P
   Suitable for all SMT assembly and soldering method
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com