Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLJ12SF-60M64M-X-00_DB Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # SLJ12SF-60M64M-X-00_DB
Description  7-16 MALE / 4.3-10 MALE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

SLJ12SF-60M64M-X-00_DB Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  SLJ12SF-60M64M-X-00_DB Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG SLJ12SF-60M64M-X-00_DB Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet draft
½” JUMPER
7-16 MALE / 4.3-10 MALE
SLJ12SF-60M64M-X-00
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
Function Description
This part is a coaxial cable assembly for telecommunication equipment. It consists of ½” super flexible coaxial
cable with FRNC jacket, one 7/16 male and one 4.3-10 male connector. The assembly is waterproof in mated
condition, UV protected and fire retardant.
Available Variants
The assembly is available in lengths from 0.5 m to 10 m in intervals of 0.5 m. Different feet length are available
on request.
Assembly Parts
Connector
7-16 male & 4.3-10 male (type 1) connector plated with white
bronze
Cable
S-Link ½”S, FRNC jacket
flame retardant acc. to IEC 60332-3-24 (Cat.C)
Marking 1
Direct print onto the cable or one wrapping label
Marking includes manufacturer, part nr. & batch no.
Marking 2
Direct print onto the cable or on wrapping label
Marking includes “Rosenberger factory made”
Position in the middle of the cable
Bend Protection
molding material PE compound with flame retardant


Similar Part No. - SLJ12SF-60M64M-X-00_DB

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLJ12SF-60M64M-X-00 ROSENBERGER-SLJ12SF-60M64M-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER 7-16 MALE / 4.3-10 MALE
More results

Similar Description - SLJ12SF-60M64M-X-00_DB

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLJ38SF-60M64M-X-00_DB ROSENBERGER-SLJ38SF-60M64M-X-00_DB Datasheet
79Kb / 2P
   7-16 MALE / 4.3-10 MALE
SLJ14SP-60M64M-X-00 ROSENBERGER-SLJ14SP-60M64M-X-00 Datasheet
541Kb / 2P
   7-16 MALE / 4.3-10 MALE
SLJ12RP-60M64M-X-00 ROSENBERGER-SLJ12RP-60M64M-X-00 Datasheet
541Kb / 2P
   쩍??JUMPER 7-16 MALE / 4.3-10 MALE
SLJ14SP-60M64R-X-00_DB ROSENBERGER-SLJ14SP-60M64R-X-00_DB Datasheet
540Kb / 2P
   7-16 MALE / 4.3-10 R/A MALE
SLJ12SP-60M64M-X-00 ROSENBERGER-SLJ12SP-60M64M-X-00 Datasheet
80Kb / 2P
   쩍??JUMPER 7-16 MALE / 4.3-10 MALE
SLJ12SP-60M64R-X-00 ROSENBERGER-SLJ12SP-60M64R-X-00 Datasheet
551Kb / 2P
   7-16 MALE / 4.3-10 R/A MALE
SLJ12SF-60M64M-X-00 ROSENBERGER-SLJ12SF-60M64M-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER 7-16 MALE / 4.3-10 MALE
SLJ12SP-60M64Q-X-00 ROSENBERGER-SLJ12SP-60M64Q-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER 7-16 MALE / 4.3-10 MALE
SLJ12SP-60M64H-X-00 ROSENBERGER-SLJ12SP-60M64H-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER 7-16 MALE / 4.3-10 MALE
SLJ14SP-60R64R-X-00_DB ROSENBERGER-SLJ14SP-60R64R-X-00_DB Datasheet
541Kb / 2P
   7-16 R/A MALE / 4.3-10 R/A MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com