Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXO-89 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQXO-89
Description  Ultra Low Jitter 0.05 to 0.3 ps integrated 12kHz to 20MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXO-89 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQXO-89 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXO-89 Datasheet HTML 2Page - IQD Frequency Products Ltd IQXO-89 Datasheet HTML 3Page - IQD Frequency Products Ltd IQXO-89 Datasheet HTML 4Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IQXV-89
VCXO Specification
Output Details
Output Compatability
CMOS/LVPECL/LVDS
Output Characteristics (CMOS up to 200MHz):
Load: 10pF
Output Low (Vol): 10%Vs max
Output High (Voh): 90%Vs min
Duty Cycle @ 50% Vs: 45/55% max
R/F Time (@ 90%/10%): 3ns max
Phase Jitter (12kHz-20MHz): 0.05 to 0.3ps rms max
Output Characteristics (LVPECL):
Load: 50Ω
Output Low (Vol): Vs-1.6V max
Output High (Voh): Vs-1.03V min
Duty Cycle (@ Vs-1.3V): 45/55% max
R/F Time (@ 80%/20%): 0.6ns max
Phase Jitter (12kHz-20MHz): 0.05 to 0.3ps rms max
Output Characteristics (LVDS):
Load: 100Ω
Differential Output Voltage: 350mV
Duty Cycle (@ 1.25V): 45/55% max
R/F Time: 0.6ns max
Phase Jitter (12kHz-20MHz): 0.05 to 0.3ps rms max
Output Control
Enable/Disable:
Logic '1' (70%Vs min) or no connection enables oscillator
output
Logic '0' (30%Vs max) disables oscillator output
Noise Parameters
Phase Noise (typ at 77.76MHz):
-73dBc/Hz @ 10Hz
-100dBc/Hz @ 100Hz
-128dBc/Hz @ 1kHz
-137dBc/Hz @ 10kHz
-148dBc/Hz @ 100kHz
Phase Noise (typ at 122.88MHz):
-67dBc/Hz @ 10Hz
-98dBc/Hz @ 100Hz
-127dBc/Hz @ 1kHz
-147dBc/Hz @ 10kHz
-150dBc/Hz @ 100kHz
Environmental Parameters
Shock: MIL-STD-883, Method 2002
Storage Temperature Range: -55 to 125°C
Humidity: after 48 hours at 85 °C ±2 °C 85 % relative humidity
non-condensing
Thermal Shock: MIL-STD-883, Method 1011
Vibration: MIL-STD-883, Method 2007
Manufacturing Details
Maximum Process Temperature: 260°C (40secs max)
Printed on 12 May 16 12:23 using Model Data Sheet V1.2550
Page 2 of 4
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXO-89

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXO-800 IQD-IQXO-800 Datasheet
330Kb / 2P
   Crystal Clock Oscillator Specification
IQXO-801 IQD-IQXO-801 Datasheet
332Kb / 2P
   Crystal Clock Oscillator Specification
IQXO-820 IQD-IQXO-820 Datasheet
1Mb / 2P
   Crystal Clock Oscillator Specification
IQXO-821 IQD-IQXO-821 Datasheet
1Mb / 2P
   Crystal Clock Oscillator Specification
IQXO-822 IQD-IQXO-822 Datasheet
1Mb / 2P
   Crystal Clock Oscillator Specification
More results

Similar Description - IQXO-89

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXO-88 IQD-IQXO-88 Datasheet
193Kb / 3P
   0.5 ps integrated RMS phase jitter (12kHz to 20MHz)
logo
TEMEX
RVX7050M TEMEX-RVX7050M Datasheet
883Kb / 9P
   Ultra Low Jitter 0.05 to 0.3 ps integrated 12 kHz to 20 MHz
logo
IQD Frequency Products ...
IQXO-87 IQD-IQXO-87 Datasheet
194Kb / 3P
   1ps integrated RMS phase jitter (12kHz to 20MHz)
logo
QUARTZCOM the communica...
MCO-SW-S-G8P QUARTZCOM-MCO-SW-S-G8P Datasheet
114Kb / 1P
   SMD Clock Oscillator Sine wave Low Jitter < 0.3 ps.
logo
EUROQUARTZ limited
EQHJ EUROQUARTZ-EQHJ Datasheet
193Kb / 2P
   Ultra-low jitter Oscillator 5.0MHz to 50.0MHz
EQJF EUROQUARTZ-EQJF Datasheet
149Kb / 4P
   High Frequency - Ultra-Low Jitter 50MHz to 2100MHz
logo
SiTime Corp.
SIT9367 SITIME-SIT9367 Datasheet
375Kb / 12P
   220 to 725 MHz Ultra-low Jitter Differential Oscillator
SIT9387 SITIME-SIT9387 Datasheet
474Kb / 12P
   220 to 725 MHz Ultra-low Jitter Differential Oscillator
SIT9366 SITIME-SIT9366 Datasheet
375Kb / 12P
   1 to 220 MHz Ultra-low Jitter Differential Oscillator
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
   Ultra Low Jitter.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com