Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100N50TW Datasheet(PDF) 1 Page - Anaren Microwave

Part No. 100N50TW
Description  AlN Ceramic
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANAREN [Anaren Microwave]
Homepage  http://www.anaren.com
Logo ANAREN - Anaren Microwave

100N50TW Datasheet(HTML) 1 Page - Anaren Microwave

  100N50TW Datasheet HTML 1Page - Anaren Microwave 100N50TW Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model 100N50TW
Features:
• DC – 5.0 GHz
• 100 Watts
• AlN Ceramic
• Non-Nichrome Resistive
Element
• Low VSWR
• 100% Tested
Flanged Termination
100 Watts, 50
General Specifications
Resistive Element
Thick film
Substrate
Aluminum Nitride ceramic
Cover
Alumina Ceramic
Mounting Flange
Copper, Nickel plated per QQ-N-290
Lead(s):
99.9% pure silver (.006 thick)
Electrical Specifications
Resistance Range:
50 ohms, ± 5%
Frequency Range:
DC – 5.0 GHz
Power:
100 Watts
VSWR
1.25:1
DC – 5.0 GHz
Note: Tolerance is ±0.010”, unless otherwise specified. Designed to meet of
exceed applicable portions of MIL-E-5400. Operating temperature is -55ºC to
150ºC (see chart for derating temperatures).
All dimensions in inches.
Specifications subject to change with out notice.
Outline Drawing
100N50TW (097) Rev D


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn