Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHT-3-V-6-D Datasheet(PDF) 7 Page - Amphenol Corporation

Part # RHT-3-V-6-D
Description  Space, Duct, and Outside Air Configurations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RHT-3-V-6-D Datasheet(HTML) 7 Page - Amphenol Corporation

  RHT-3-V-6-D Datasheet HTML 1Page - Amphenol Corporation RHT-3-V-6-D Datasheet HTML 2Page - Amphenol Corporation RHT-3-V-6-D Datasheet HTML 3Page - Amphenol Corporation RHT-3-V-6-D Datasheet HTML 4Page - Amphenol Corporation RHT-3-V-6-D Datasheet HTML 5Page - Amphenol Corporation RHT-3-V-6-D Datasheet HTML 6Page - Amphenol Corporation RHT-3-V-6-D Datasheet HTML 7Page - Amphenol Corporation RHT-3-V-6-D Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Temperature
Sensing Element
Platinum RTD, 4 wire measurement
Performance
Accuracy at 77°F (25”C)
±0.5°F (±0.3°C)
Temperature Effect
Less than 0.01% per °F (0.02% per°C)
Sensitivity
0.1% RH
Repeatability:
0.1% RH
Linearity
Better than 0.1 %
Hysteresis
Less than 0.01%
Sensor Interchangeability
±0.5°F (±0.03°C)
Output Ranges
4·20 mA
- 20°F to + 140°F (-29°C to +60°C)
Optional
0°F to +150°F (-18°C to +66°C)
0°F to +100°F (-18”C to +38°C)
+32°F to +132°F (0°C to +55°C)
+50°F to +130°F (+7°C to +54°C)
-40°F to + 140°F (-40”C to +60°C)
Custom range
Adjustment
Zero: ±10%. non·interactive
Span: ±10%. non-interactive
Long Term Stability: Less than 1% drift per year, typical
Humidity affects you and your operations. Our local
representative Is ready to help in your application. Call
to discuss the proper selection of a humidity device
from the world’s largest selection.
Specifications are subject to change without notice.
RH/RHT Series Specifications


Similar Part No. - RHT-3-V-6-D

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RHT NICHICON-RHT Datasheet
674Kb / 2P
   High Temperature
logo
List of Unclassifed Man...
RHT01 ETC-RHT01 Datasheet
442Kb / 5P
   Digital relative humidity & temperature sensor
RHT02 ETC-RHT02 Datasheet
644Kb / 6P
   Digital relative humidity & temperature sensor
RHT03 ETC-RHT03 Datasheet
436Kb / 5P
   Digital relative humidity & temperature sensor
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
   Digital relative humidity & temperature sensor
More results

Similar Description - RHT-3-V-6-D

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
AVDT GREYSTONE-AVDT Datasheet
233Kb / 2P
   DUCT AIR VELOCITY TRANSMITTER
03/20
AQDT GREYSTONE-AQDT Datasheet
328Kb / 2P
   DUCT AIR QUALITY TRANSMITTER
04/20
logo
BELIMO AIRCONTROLS (USA...
22DC-51 BELIMO-22DC-51 Datasheet
473Kb / 4P
   Duct Air Quality Sensor
logo
Greystone Energy System...
OPV GREYSTONE-OPV Datasheet
358Kb / 2P
   OUTSIDE AIR PICK-UP PORT
logo
List of Unclassifed Man...
GS-AQ911 ETC2-GS-AQ911 Datasheet
62Kb / 2P
   Space air quality transmitter
logo
Systemsensor advanced i...
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
logo
Maxim Integrated Produc...
MAX11410EVKIT MAXIM-MAX11410EVKIT Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
logo
New Jersey Semi-Conduct...
DS17-08A NJSEMI-DS17-08A Datasheet
80Kb / 1P
   Space and weight savings
logo
Shanghai Semitech Semic...
ESD9X5V SEMITECH-ESD9X5V Datasheet
222Kb / 3P
   Unidirectional Configurations
logo
National Instruments Co...
PXI-PCI8331 NI-PXI-PCI8331 Datasheet
584Kb / 3P
   Multichassis configurations for PXI and CompactPCI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com