Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51408 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 51408
Description  Solid state, high reliability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

51408 Datasheet(HTML) 1 Page - Amphenol Corporation

  51408 Datasheet HTML 1Page - Amphenol Corporation 51408 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pressure Sensor Die
P1602
Features
• Solid state, high reliability
• Low-cost , miniature size
• Standard pressure ranges: 0 to 15, 0 to 30, 0 to 50,
• 0 to 100 psia (1, 2.1, 3.4 and 6.9 bar)
• Nonlinearity < 0.2 %FSO
• SenStable, silicon fusion bonded sensor die
Applications
• Consumer: Portable tire gauges, altimeters, and
barometers
• Industrial: Pneumatic controls, leak detection,
manometers, portable pressure gauges, pressure
switches, and controllers
• Automotive: Tire pressure, diagnostics, engine, and
suspension control, MAP sensors
• Medical: Patient monitoring and clinical
instrumentation
Description
The P1602 piezoresistive pressure sensors are offered in a miniature 0.04 in x 0.04 in (1 mm x 1 mm) die. When ex-
cited with 1 mA constant current , the P1602 produces a millivolt output that is proportional to input pressure. The
P1602 is available as an absolute pressure sensor, where the applied pressure is referenced to an internal vacuum
sealed within the die. With NovaSensor’s Senstable® process, the P1602 will provide very low long-term stability
errors and excellent repeatability.
Amphenol
Advanced Sensors


Similar Part No. - 51408

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5140 ALLEGRO-5140 Datasheet
75Kb / 8P
   PROTECTED POWERHALL SENSOR LAMP/SOLENOID DRIVER
logo
3M Electronics
5140 3M-5140 Datasheet
38Kb / 2P
   DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
logo
Allegro MicroSystems
5140 ALLEGRO-5140 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
ETAL Group
5140-G ETAL-5140-G Datasheet
236Kb / 4P
   Land vehicles, aircraft, watercraft, special vehicles
logo
Spectrum Microwave, Inc...
514057 SPECTRUM-514057 Datasheet
66Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
More results

Similar Description - 51408

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
   Solid state, high reliability
NPC-410 AMPHENOL-NPC-410 Datasheet
80Kb / 4P
   Solid state reliability
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
   Solid-State Reliability
logo
Amphenol Corporation
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
   High reliability, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
   High reliability, solid state silicon pressure sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com