Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM78S4 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM78S4
Description  Universal Switching Regulator Subsystem
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78S4 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM78S4 Datasheet HTML 1Page - National Semiconductor (TI) LM78S4 Datasheet HTML 2Page - National Semiconductor (TI) LM78S4 Datasheet HTML 3Page - National Semiconductor (TI) LM78S4 Datasheet HTML 4Page - National Semiconductor (TI) LM78S4 Datasheet HTML 5Page - National Semiconductor (TI) LM78S4 Datasheet HTML 6Page - National Semiconductor (TI) LM78S4 Datasheet HTML 7Page - National Semiconductor (TI) LM78S4 Datasheet HTML 8Page - National Semiconductor (TI) LM78S4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM78S40
Universal Switching Regulator Subsystem
General Description
The LM78S40 is a monolithic regulator subsystem consisting
of all the active building blocks necessary for switching regu-
lator systems. The device consists of a temperature com-
pensated voltage reference, a duty-cycle controllable oscilla-
tor with an active current limit circuit, an error amplifier, high
current, high voltage output switch, a power diode and an
uncommitted operational amplifier. The device can drive ex-
ternal NPN or PNP transistors when currents in excess of
1.5A or voltages in excess of 40V are required. The device
can be used for step-down, step-up or inverting switching
regulators as well as for series pass regulators. It features
wide supply voltage range, low standby power dissipation,
high efficiency and low drift. It is useful for any stand-alone,
low part count switching system and works extremely well in
battery operated systems.
Features
n
Step-up, step-down or inverting switching regulators
n
Output adjustable from 1.25V to 40V
n
Peak currents to 1.5A without external transistors
n
Operation from 2.5V to 40V input
n
Low standby current drain
n
80 dB line and load regulation
n
High gain, high current, independent op amp
n
Pulse width modulation with no double pulsing
Block and Connection Diagrams
DS010057-2
16-Lead DIP
DS010057-1
Top View
April 1998
© 1998 National Semiconductor Corporation
DS010057
www.national.com


Similar Part No. - LM78S4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM78S40 TI1-LM78S40 Datasheet
343Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
LM78S40CN/NOPB TI1-LM78S40CN/NOPB Datasheet
343Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
LM78S40N/NOPB TI1-LM78S40N/NOPB Datasheet
343Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
LM78S40 TI-LM78S40_15 Datasheet
322Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
More results

Similar Description - LM78S4

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
UA78S40 ONSEMI-UA78S40 Datasheet
124Kb / 8P
   UNIVERSAL SWITCHING REGULATOR SUBSYSTEM
1996 REV 1
Texas Instruments
Texas Instruments
LM78S40 TI1-LM78S40 Datasheet
343Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
LM78S40 TI-LM78S40_15 Datasheet
322Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
Motorola, Inc
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Allegro MicroSystems
Allegro MicroSystems
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
   Universal-Input/20 W Flyback Switching Regulator
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
   Universal-Input/5 W Flyback Switching Regulator
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
   Universal-Input/15 W 67 kHz Flyback Switching Regulator
List of Unclassifed Manufacturers
List of Unclassifed Man...
MLX90804 ETC-MLX90804 Datasheet
147Kb / 12P
   Speed regulator for universal motors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz