Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P40250129 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # P40250129
Description  National Institute of Standards and Technology (NIST) traceable, field-replaceable sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P40250129 Datasheet(HTML) 1 Page - Amphenol Corporation

  P40250129 Datasheet HTML 1Page - Amphenol Corporation P40250129 Datasheet HTML 2Page - Amphenol Corporation P40250129 Datasheet HTML 3Page - Amphenol Corporation P40250129 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
• NationalInstituteofStandardsand
Technology(NIST)traceable,field-replaceable
sensor
• FullScale(FS)0to100%RHmeasurement
• NISTtraceablefactorycalibration
• UserselectableRHandtemperatureoutputs
• Robust,provencapacitivesensortechnology
• Attractiveandruggedpackaging
• 2%,3%or5%RHaccuracy
• NISTcertificationavailable
• Versatiletemperaturemeasurement
• Temperaturecompensated
• Lowcostofownership
• Twoyearwarranty
HumiTrac™
Relative
Humidity/Temperature
Transmitters
Applications
• HVAC/buildingcontrols
• EnergyManagementSystems(EMS)
• Enthalpycontrol
• IndoorAirQuality(IAQ)
• Cleanrooms
• Museums/archives
• Hospitals/labs
• Refrigerationcontrol
• Pharmaceutical
• Swimmingpools
• Animalrooms
Amphenol
Advanced Sensors
®


Similar Part No. - P40250129

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P4025LS VBSEMI-P4025LS Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - P40250129

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAS1352 ETC2-NAS1352 Datasheet
3Mb / 6P
   NATIONAL AEROSPACE STANDARDS COMMITTEE
014 ETC2-014 Datasheet
899Kb / 1P
   Field replaceable bearings and electronics
logo
Analog Devices
HMC7891 AD-HMC7891 Datasheet
392Kb / 12P
   Field replaceable SMA connectors
logo
Laird Tech Smart Techno...
S24497P LSTD-S24497P Datasheet
345Kb / 2P
   Research institute
logo
List of Unclassifed Man...
SP959B01-TD01 ETC-SP959B01-TD01 Datasheet
118Kb / 7P
   China Electronics Technology Group Corporation No.26 Research Institute
logo
Pasternack Enterprises,...
PE44002 PASTERNACK-PE44002 Datasheet
201Kb / 2P
   SMA Female Connector Field Replaceable Attachment
PE44337 PASTERNACK-PE44337 Datasheet
251Kb / 3P
   1.85mm Female Connector Field Replaceable Attachment
logo
List of Unclassifed Man...
JF2-B3A3-DR ETC2-JF2-B3A3-DR Datasheet
207Kb / 2P
   Standards NMEA and OSP
logo
Vishay Siliconix
BYT78-TR VISHAY-BYT78-TR Datasheet
76Kb / 3P
   Tape and Reel Standards
Rev. 1.9, 05-Nov-08
84068 VISHAY-84068 Datasheet
374Kb / 5P
   Tape and Reel Standards
Rev. 7, 07-Jan-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com