Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40-50TPP Datasheet(PDF) 1 Page - Anaren Microwave

Part # 40-50TPP
Description  Low VSWR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

40-50TPP Datasheet(HTML) 1 Page - Anaren Microwave

  40-50TPP Datasheet HTML 1Page - Anaren Microwave 40-50TPP Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model 40-50TPP
Features:
• DC – 6.0 GHz
• 40 Watts
• BeO Ceramic
• Non-Nichrome Resistive
Element
• Low VSWR
• 100% Tested
Flangeless Termination
40
Watts, 50
General Specifications
Resistive Element
Thick film
Substrate
Beryllium oxide ceramic
Cover
Alumina Ceramic
Lead(s):
99.9% pure silver (.006 thick)
Terminals
Thick film silver
Electrical Specifications
Resistance Range:
50 ohms, ± 5%
Frequency Range;
DC – 6.0 GHz
Power:
40 Watts
VSWR
1.25:1
DC – 6.0 GHz
Note: Tolerance is ±0.010”, unless otherwise specified. Designed to meet of
exceed applicable portions of MIL-E-5400. Operating temperature is -55ºC to
150ºC (see chart for derating temperatures).
All dimensions in inches.
Specifications subject to change with out notice.
Outline Drawing
`
40-50TPP (097) Rev A


Similar Part No. - 40-50TPP

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
40-50TPP-S ANAREN-40-50TPP-S Datasheet
219Kb / 2P
   BeO Ceramic
More results

Similar Description - 40-50TPP

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
20-50RP ANAREN-20-50RP Datasheet
336Kb / 2P
   Low VSWR
A200N50X4 ANAREN-A200N50X4 Datasheet
137Kb / 2P
   Low VSWR
60N50TP ANAREN-60N50TP Datasheet
237Kb / 2P
   Low VSWR
20-100RP-S ANAREN-20-100RP-S Datasheet
382Kb / 2P
   Low VSWR
60N50TPC ANAREN-60N50TPC Datasheet
229Kb / 2P
   Low VSWR
250375-4Z50-2 ANAREN-250375-4Z50-2 Datasheet
312Kb / 2P
   Low VSWR
100200N4Z50-2 ANAREN-100200N4Z50-2 Datasheet
582Kb / 2P
   Low VSWR
250-50RM-S ANAREN-250-50RM-S Datasheet
335Kb / 2P
   Low VSWR
20-100RP ANAREN-20-100RP Datasheet
366Kb / 2P
   Low VSWR
100NXXAF ANAREN-100NXXAF Datasheet
99Kb / 2P
   Low VSWR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com