Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4130CDGN Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4130CDGN
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4130CDGN Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4130CDGN Datasheet HTML 2Page - Texas Instruments THS4130CDGN Datasheet HTML 3Page - Texas Instruments THS4130CDGN Datasheet HTML 4Page - Texas Instruments THS4130CDGN Datasheet HTML 5Page - Texas Instruments THS4130CDGN Datasheet HTML 6Page - Texas Instruments THS4130CDGN Datasheet HTML 7Page - Texas Instruments THS4130CDGN Datasheet HTML 8Page - Texas Instruments THS4130CDGN Datasheet HTML 9Page - Texas Instruments THS4130CDGN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
−10
−5
0
5
10
15
20
25
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 5_Rf = 2 kΩ
Gain = 10_Rf = 4 kΩ
Gain = 1_Rf = 390 Ω
Gain = 2_Rf = 750 Ω
RL = 800 Ω,
VCC = ± 5 V,
VI = 63 mVPP
SMALL SIGNAL FREQUENCY RESPONSE
Figure 2
−8
−3
2
Gain = 1,
RL = 800 Ω,
VCC = ± 5 V,
VI = 63 mVPP
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
SMALL SIGNAL FREQUENCY RESPONSE
3
1
0
−1
−2
−4
−5
−6
−7
Rf = 620 Ω
Rf = 390 Ω
Figure 3
−8
−3
2
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
SMALL SIGNAL FREQUENCY RESPONSE
(VARIOUS SUPPLIES)
VCC= 5
VCC= ± 15
Gain = 1,
RL = 800 Ω,
Rf = 390 Ω,
VI = 63 mVPP
−7
−6
−5
−4
−2
−1
0
1
Figure 4
−10
−5
0
CF = 0 pF
CF = 1 pF
SMALL SIGNAL FREQUENCY RESPONSE
(VARIOUS CF)
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
−9
−8
−7
−6
−4
−3
−2
−1
1
2
3


Similar Part No. - THS4130CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4130CDGN TI-THS4130CDGN Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130CDGNG4 TI-THS4130CDGNG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130CDGNR TI-THS4130CDGNR Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4130CDGNR NSC-THS4130CDGNR Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDGNRG4 TI-THS4130CDGNRG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4130CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS2630 TI-THS2630_V01 Datasheet
1Mb / 32P
[Old version datasheet]   THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com