Electronic Components Datasheet Search |
|
C1206T104J8RBCTU Datasheet(PDF) 4 Page - Kemet Corporation |
|
C1206T104J8RBCTU Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 23 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1027_X7R_COTS_SMD • 2/29/2016 4 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) Commercial Off-The-Shelf (COTS) for Higher Reliability Applications, X7R Dielectric, 6.3 – 250 VDC Electrical Parameters/Characteristics Item Parameters/Characteristics Operating Temperature Range −55°C to +125°C Capacitance Change with Reference to +25°C and 0 Vdc Applied (TCC) ±15% 1 Aging Rate (Maximum % Capacitance Loss/Decade Hour) 3.0% 2 Dielectric Withstanding Voltage (DWV) 250% of rated voltage (5 ± 1 seconds and charge/discharge not exceeding 50mA) 3 Dissipation Factor (DF) Maximum Limit @ 25°C 5%(6.3V & 10V), 3.5%(16V & 25V) and 2.5%(50V to 250V) 4 Insulation Resistance (IR) Minimum Limit @ 25°C See Insulation Resistance Limit Table (Rated voltage applied for 120 ± 5 secs @ 25°C) 1 Regarding Aging Rate: Capacitance measurements (including tolerance) are indexed to a referee time of 1,000 hours. 2 DWV is the voltage a capacitor can withstand (survive) for a short period of time. It exceeds the nominal and continuous working voltage of the capacitor. 3 Capacitance and dissipation factor (DF) measured under the following conditions: 1kHz ± 50Hz and 1.0 ± 0.2 Vrms if capacitance ≤10µF 120Hz ± 10Hz and 0.5 ± 0.1 Vrms if capacitance >10µF 4 To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits. Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 & Agilent E4980 have a feature known as Automatic Level Control (ALC). The ALC feature should be switched to "ON". Post Environmental Limits High Temperature Life, Biased Humidity, Moisture Resistance Dielectric Rated DC Voltage Capacitance Value Dissipation Factor (Maximum %) Capacitance Shift Insulation Resistance X7R > 25 All 3.0 ±20% 10% of Initial Limit 16/25 5.0 < 16 7.5 Insulation Resistance Limit Table EIA Case Size 1,000 Megohm Microfarads or 100 GΩ 500 Megohm Microfarads or 10 GΩ 0201 N/A ALL 0402 < 0.012 µF ≥ 0.012 µF 0603 < 0.047 µF ≥ 0.047 µF 0805 < 0.15 µF ≥ 0.15 µF 1206 < 0.47 µF ≥ 0.47 µF 1210 < 0.39 µF ≥ 0.39 µF 1808 ALL N/A 1812 < 2.2 µF ≥ 2.2 µF 1825 ALL N/A 2220 < 10 µF ≥ 10 µF 2225 ALL N/A |
Similar Part No. - C1206T104J8RBCTU |
|
Similar Description - C1206T104J8RBCTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |