Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220C154JCRALTU Datasheet(PDF) 5 Page - Kemet Corporation

Part # C2220C154JCRALTU
Description  High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C154JCRALTU Datasheet(HTML) 5 Page - Kemet Corporation

  C2220C154JCRALTU Datasheet HTML 1Page - Kemet Corporation C2220C154JCRALTU Datasheet HTML 2Page - Kemet Corporation C2220C154JCRALTU Datasheet HTML 3Page - Kemet Corporation C2220C154JCRALTU Datasheet HTML 4Page - Kemet Corporation C2220C154JCRALTU Datasheet HTML 5Page - Kemet Corporation C2220C154JCRALTU Datasheet HTML 6Page - Kemet Corporation C2220C154JCRALTU Datasheet HTML 7Page - Kemet Corporation C2220C154JCRALTU Datasheet HTML 8Page - Kemet Corporation C2220C154JCRALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1010_X7R_HV_SMD • 2/29/2016
5
Surface Mount Multilayer Ceramic Chip Capacitors, (SMD MLCCs)
High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0603 – 1812 Case Sizes)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within
the same form factor (configuration and dimensions).
Cap
Cap
Code
Case Size/
Series
C0603C C0805C
C1206C
C1210C
C1808C
C1812C
Voltage Code
C B D
C B D
C B D
F G C B D
F G C B D
F
G
Z
H
C B D
F
G
Z
H
Rated Voltage
(VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes - See Table 2 for Chip Thickness Dimensions
10 pF
100
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
11 pF
110
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
12 pF
120
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
13 pF
130
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
15 pF
150
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
16 pF
160
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
18 pF
180
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
20 pF
200
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
22 pF
220
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
24 pF
240
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
27 pF
270
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
30 pF
300
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
33 pF
330
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
36 pF
360
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
39 pF
390
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
43 pF
430
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
47 pF
470
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
51 pF
510
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
56 pF
560
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
62 pF
620
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
68 pF
680
J
K
M
DG DG DG ED ED ED ED ED FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
75 pF
750
J
K
M
DG DG DG ED ED ED ED EF FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
82 pF
820
J
K
M
DG DG DG ED ED ED ED EF FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
91 pF
910
J
K
M
DG DG DG ED ED ED ED EF FM FM FM FM FM LB LB LB LB LB LB LB GK GK GK GK GK GK GK
100 pF
101
J
K
M
DG DG DG ED ED ED ED EF FM FM FM FM FM LB LB LB LB LB LC LB GK GK GK GK GK GK GK
110 pF
111
J
K
M
DG DG DG ED ED ED ED EG FM FM FM FM FM LB LB LB LB LB LC LB GK GK GK GK GK GK GK
120 pF
121
J
K
M
DG DG DG ED ED ED ED EG FM FM FM FM FM LA LA LA LA LB LC LB GK GK GK GK GK GK GK
130 pF
131
J
K
M
DG DG DG ED ED ED ED EG FG FG FG FM FM LA LA LA LA LB LC LB GK GK GK GK GK GK GK
150 pF
151
J
K
M
DG DG DG ED ED ED EF EG FG FG FG FM FM LA LA LA LA LB LC LB GK GK GK GK GK GK GK
180 pF
181
J
K
M
DG DG DG ED ED ED EF EG FG FG FG FM FM LA LA LA LA LC LC LB GK GK GK GK GK GK GK
220 pF
221
J
K
M
DG DG DG ED ED ED EF EF FG FG FG FM FM LA LA LA LA LC LC LB GH GH GH GH GH GK GK
270 pF
271
J
K
M
DG DG DG ED ED ED EF EF FG FG FG FK FK LA LA LA LB LC LC LC GH GH GH GH GH GK GK
330 pF
331
J
K
M
DG DG DG ED ED EF EF EF FG FG FG FK FK LA LA LA LB LC LC LC GH GH GH GH GH GK GK
390 pF
391
J
K
M
DG DG DG ED ED EF EF EF FG FG FG FK FS LA LA LA LB LB LB LC GK GK GK GK GK GK GK
470 pF
471
J
K
M
DG DG DG ED ED EF EF EF FG FM FM FS FS LA LB LB LC LB LB LC GK GK GK GK GK GK GK
560 pF
561
J
K
M
DG DG DG ED ED EF EF EF FG FM FM FS FL LA LB LB LC LB LB LC GH GH GH GK GH GK GK
680 pF
681
J
K
M
DG DG DG ED ED EF EF EF FG FM FM FS FL LB LB LB LA LB LC LC GH GH GH GK GH GK GK
820 pF
821
J
K
M
DG DG DG ED ED ED EF EF FG FM FM FL FL LB LB LB LA LB LC LC GH GH GH GK GH GK GK
1,000 pF
102
J
K
M CG CG CG DG DG DG ED ED ED EF EF FM FM FM FL FL LB LB LB LA LB LC LC GH GH GH GH GH GK GK
1,200 pF
122
J
K
M CG CG
DG DG DG ED ED ED EG EG FM FK FK FL FM LC LC LC LB LC LA
GH GK GK GH GH GK GK
1,500 pF
152
J
K
M CG CG
DG DG DG ED ED ED EG EG FK FS FS FL FM LC LC LC LB LC LB
GK GK GK GH GH GK
1,800 pF
182
J
K
M CG
DG DG DG ED ED ED EG EG FK FS FS FL FM LC LC LC LB LC LC
GK GK GK GH GH GK
2,200 pF
222
J
K
M CG
DG DG DG ED ED ED EG EG FK FL FL FL FM LC LA LA LB LC LC
GK GK GK GH GH GK
2,700 pF
272
J
K
M CG
DG DG DG ED ED ED EG
FS FL FL FL FM LC LA LA LB LC
GK GH GH GH GK GM
3,300 pF
332
J
K
M CG
DG DG DG ED ED ED EG
FS FL FL FL FM LA LA LA LB LA
GK GH GH GH GK GM
3,900 pF
392
J
K
M CG
DG DG DG ED ED ED EG
FL FL FL FL FK LA LA LA LB LB
GK GH GH GH GK GO
4,700 pF
472
J
K
M
DG DG DG ED ED ED EG
FL FL FL FL FK LA LA LA LB LC
GH GH GH GH GH GO
5,600 pF
562
J
K
M
DG DG DG ED EF EF EF
FL FL FL FM FK LA LB LB LC
GH GH GH GK GK
6,800 pF
682
J
K
M
DG DG
EF EF EF EF
FL FL FL FM FS LA LB LB LC
GH GH GH GK GM
8,200 pF
822
J
K
M
DG DG
EF EG EG EF
FL FL FL FK
LA LB LB LC
GH GH GH GK GM
10,000 pF
103
J
K
M
DG DG
EF EG EG EG
FL FL FL FK
LA LB LB LC
GH GH GH GK GO
12,000 pF
123
J
K
M
DG DG
EG EJ EJ
FL FL FL FK
LA LC LC LB
GH GK GK GK
Cap
Cap
Code
Rated Voltage
(VDC)
Voltage Code
C B D
C B D
C B D
F G C B D
F G C B D
F
G
Z
H
C B D
F
G
Z
H
Case Size/
Series
C0603C
C0805C
C1206C
C1210C
C1808C
C1812C


Similar Part No. - C2220C154JCRALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C154JCRALTU KEMET-C2220C154JCRALTU Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
More results

Similar Description - C2220C154JCRALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com