Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F580-IQ Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F580-IQ
Description  This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F580-IQ Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F580-IQ Datasheet HTML 1Page - Silicon Laboratories C8051F580-IQ Datasheet HTML 2Page - Silicon Laboratories C8051F580-IQ Datasheet HTML 3Page - Silicon Laboratories C8051F580-IQ Datasheet HTML 4Page - Silicon Laboratories C8051F580-IQ Datasheet HTML 5Page - Silicon Laboratories C8051F580-IQ Datasheet HTML 6Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bulletin #1512071
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev N
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 4
Use VDD Monitor high setting only when writing Flash
– Updated step 4 in section 15.4.1 VDD Maintenance and the VDD monitor on page 143 to mention using
the VDD monitor in the high setting during flash write/erase operations. To ensure the highest system
reliability, firmware can change the VDD Monitor high threshold, and the system must use an external
supply monitor.
This step previously mentioned using the VDD monitor, but did not specify that the VDD monitor must be
in the high setting in order to write to flash.
Note: The output of the internal voltage regulator is calibrated by the MCU immediately after any reset
event. The output of the un-calibrated internal regulator could be below the high threshold setting of the
VDD Monitor. If this is the case, and the MCU receives a non-power on reset (POR) when the VDD Monitor
is set to the high threshold setting, the MCU will remain in reset until a POR occurs (i.e., VDD Monitor will
keep the device in reset). A POR will force the VDD Monitor to the low threshold setting, which is
guaranteed to be below the un-calibrated output of the internal regulator. The device will then exit reset
and resume normal operation. It is for this reason Silicon Labs strongly recommends that the VDD Monitor
is always left in the low threshold setting (i.e. default value upon POR). When programming the Flash in-
system, the VDD Monitor must be set to the high threshold setting. To prevent this issue from happening
and ensure the highest system reliability, firmware can change the VDD Monitor high threshold, and the
system must use an external supply monitor. For instructions on how to do this, see “Reprogramming the
VDD Monitor High Threshold” on page 138.
Set ZTCEN before entering oscillator suspend
– Updated the SUSPEND bit description in SFR Definition 19.2 OSCICN register on page 179 to mention that
firmware must set the ZTCEN bit in SFR Definition 8.1 REF0CN on page 76 before entering suspend.
This information was already present as a note in data sheet section 16.3 Suspend Mode on page 150, and
has been added to the bit description to make it more prominent.
Internal Oscillator Suspend Enable Bit
Before entering suspend mode, firmware must set the ZTCEN bit in REF0CN
IFRDY flag does not accurately reflect the state of the oscillator
– Added a note to the IFRDY flag in the SFR Definition 19.2 OSCICN register on page 179 that the flag may
not accurately reflect the state of the oscillator.
IFRDY Internal Oscillator Frequency Ready Flag.
Note: This flag may not accurately reflect the state of the oscillator. Firmware should not use this
flag to determine if the oscillator is running.
VDD ramp time max 1 ms for power on specification
– Added VDD Ramp Time max 1 ms for Power On spec to Table 5.4 Reset Electrical Characteristics on page
48.
This specification was previously mentioned in section 15.4.1 VDD Maintenance and the VDD monitor on
page 143. It is now added to the electrical specifications to make it more prominent.


Similar Part No. - C8051F580-IQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F580-IQ SILABS-C8051F580-IQ Datasheet
3Mb / 356P
   Programmable hysteresis and response time Configurble as interrupt or reset source Low current
More results

Similar Description - C8051F580-IQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1406261 SILABS-1406261 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1611181 SILABS-1611181 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1412112 SILABS-1412112 Datasheet
61Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410022 SILABS-1410022 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602262 SILABS-1602262 Datasheet
91Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1406262 SILABS-1406262 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1408281 SILABS-1408281 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410171 SILABS-1410171 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1503161 SILABS-1503161 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1601181 SILABS-1601181 Datasheet
70Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602261 SILABS-1602261 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com