Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C154KHRACTU Datasheet(PDF) 3 Page - Kemet Corporation

Part # C0603C154KHRACTU
Description  High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C154KHRACTU Datasheet(HTML) 3 Page - Kemet Corporation

  C0603C154KHRACTU Datasheet HTML 1Page - Kemet Corporation C0603C154KHRACTU Datasheet HTML 2Page - Kemet Corporation C0603C154KHRACTU Datasheet HTML 3Page - Kemet Corporation C0603C154KHRACTU Datasheet HTML 4Page - Kemet Corporation C0603C154KHRACTU Datasheet HTML 5Page - Kemet Corporation C0603C154KHRACTU Datasheet HTML 6Page - Kemet Corporation C0603C154KHRACTU Datasheet HTML 7Page - Kemet Corporation C0603C154KHRACTU Datasheet HTML 8Page - Kemet Corporation C0603C154KHRACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1010_X7R_HV_SMD • 2/29/2016
3
Surface Mount Multilayer Ceramic Chip Capacitors, (SMD MLCCs)
High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA
Size
Code
Metric
Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0603
1608
1.60 (.063) ± 0.15 (.006) 0.80 (.032) ± 0.15 (.006)
See Table 2 for
Thickness
0.35 (.014) ± 0.15 (.006)
0.70 (.028)
Solder Wave or
Solder Reflow
0805
2012
2.00 (.079) ± 0.20 (.008) 1.25 (.049) ± 0.20 (.008)
0.50 (0.02) ± 0.25 (.010)
0.75 (.030)
1206
3216
3.20 (.126) ± 0.20 (.008) 1.60 (.063) ± 0.20 (.008)
0.50 (0.02) ± 0.25 (.010)
N/A
1210
3225
3.20 (.126) ± 0.20 (.008) 2.50 (.098) ± 0.20 (.008)
0.50 (0.02) ± 0.25 (.010)
Solder Reflow Only
1808
4520
4.70 (.185) ± 0.50 (.020) 2.00 (.079) ± 0.20 (.008)
0.60 (.024) ± 0.35 (.014)
1812
4532
4.50 (.177) ± 0.30 (.012) 3.20 (.126) ± 0.30 (.012)
0.60 (.024) ± 0.35 (.014)
1825
4564
4.50 (.177) ± 0.30 (.012) 6.40 (.252) ± 0.40 (.016)
0.60 (.024) ± 0.35 (.014)
2220
5650
5.70 (.224) ± 0.40 (.016) 5.00 (.197) ± 0.40 (.016)
0.60 (.024) ± 0.35 (.014)
2225
5664
5.60 (.220) ± 0.40 (.016) 6.40 (.248) ± 0.40 (.016)
0.60 (.024) ± 0.35 (.014)
Qualification/Certification
Commercial Grade products are subject to internal qualification. Details regarding test methods and conditions are referenced in
Table 4, Performance & Reliability.
Environmental Compliance
Lead (Pb)-Free, RoHS, and REACH compliant without exemptions (excluding SnPb termination finish option).


Similar Part No. - C0603C154KHRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C154KHRACTU KEMET-C0603C154KHRACTU Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
More results

Similar Description - C0603C154KHRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com