Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8694ARUZ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD8694ARUZ-REEL
Description  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8694ARUZ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8694ARUZ-REEL Datasheet HTML 4Page - Analog Devices AD8694ARUZ-REEL Datasheet HTML 5Page - Analog Devices AD8694ARUZ-REEL Datasheet HTML 6Page - Analog Devices AD8694ARUZ-REEL Datasheet HTML 7Page - Analog Devices AD8694ARUZ-REEL Datasheet HTML 8Page - Analog Devices AD8694ARUZ-REEL Datasheet HTML 9Page - Analog Devices AD8694ARUZ-REEL Datasheet HTML 10Page - Analog Devices AD8694ARUZ-REEL Datasheet HTML 11Page - Analog Devices AD8694ARUZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8691/AD8692/AD8694
Data Sheet
Rev. F | Page 8 of 16
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±2.5V
AV = 100
AV = 10
AV = 1
Figure 17. Closed-Loop Output Impedance vs. Frequency
1
10
100
1k
LOAD CAPACITANCE (pF)
0
5
10
15
20
25
30
35
40
VS = 5V AND 2.7V
RL =
AV = –1
Figure 18. Small Signal Overshoot vs. Load Capacitance
TIME (200ns/DIV)
VS = ±2.5V, ±1.35V
RL = 10kΩ
CL = 200pF
AV = 1
Figure 19. Small Signal Transient Response
TIME (400ns/DIV)
VS = 5V
CL = 200pF
RL =
AV = 1
Figure 20. Large Signal Transient Response
TIME (400ns/DIV)
VS = ±2.5V
AV = –50
–2.5
100
0
0
Figure 21. Positive Overload Recovery
TIME (400ns/DIV)
VS = ±2.5V
AV = –50
2.5
–100
0
0
Figure 22. Negative Overload Recovery


Similar Part No. - AD8694ARUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8694ARUZ-REEL AD-AD8694ARUZ-REEL Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8694ARUZ-REEL AD-AD8694ARUZ-REEL Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8694ARUZ-REEL AD-AD8694ARUZ-REEL Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
More results

Similar Description - AD8694ARUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com