Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA440T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TCA440T
Description  AM - Receiver Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TCA440T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TCA440T Datasheet HTML 3Page - List of Unclassifed Manufacturers TCA440T Datasheet HTML 4Page - List of Unclassifed Manufacturers TCA440T Datasheet HTML 5Page - List of Unclassifed Manufacturers TCA440T Datasheet HTML 6Page - List of Unclassifed Manufacturers TCA440T Datasheet HTML 7Page - List of Unclassifed Manufacturers TCA440T Datasheet HTML 8Page - List of Unclassifed Manufacturers TCA440T Datasheet HTML 9Page - List of Unclassifed Manufacturers TCA440T Datasheet HTML 10Page - List of Unclassifed Manufacturers TCA440T Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
V
iIF ( µV )
10 1
10 2
10 4
10 7
10 3
0
100
200
300
400
9V
5V
TCA 440 / T
V
AF = f ( ViIF )
V
3 = parameter
f
IF = 455 kHz
m = 0.8; f
m = 1 kHz
V
iIF ( µV )
10 2
10 3
10 4
10 6
0
2
4
6
8
9V
5V
TCA 440 / T
THD = f ( V
iIF )
f
IF = 455 kHz
m = 0.8; f
m = 1 kHz
0
V
goHF (µV)
10 2
10 3
10 4
100
200
300
400
9V
5V
10 6
500
10 0
10 1
TCA 440 / T
V
10 = f ( VgoHF )
V
CC = parameter
f
i = 1 MHz
V
iIF (µV)
10 3
10 4
10 5
10 6
10 1
10 2
0
200
400
600
800
9V
5V
TCA 440 / T
V
9 = f ( ViIF )
V
CC = parameter
f
IF = 455 kHz
12/95
7
TCA 440 / T


Similar Part No. - TCA440T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA440 SIEMENS-TCA440 Datasheet
350Kb / 17P
   AM Receiver Circuit
logo
Gunter Seniconductor Gm...
TCA440 GSG-TCA440 Datasheet
162Kb / 12P
   AM - Receiver Circuit
More results

Similar Description - TCA440T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA440 SIEMENS-TCA440 Datasheet
350Kb / 17P
   AM Receiver Circuit
logo
NXP Semiconductors
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
   AM receiver circuit
March 1989
logo
TEMIC Semiconductors
TDA1072A TEMIC-TDA1072A Datasheet
253Kb / 8P
   AM Receiver Circuit
logo
Gunter Seniconductor Gm...
TCA440 GSG-TCA440 Datasheet
162Kb / 12P
   AM - Receiver Circuit
logo
NXP Semiconductors
TDA1072A PHILIPS-TDA1072A Datasheet
647Kb / 20P
   AM receiver circuit
May 1984
TDA1572 PHILIPS-TDA1572 Datasheet
229Kb / 19P
   AM receiver circuit
December 1987
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
   AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
   AM/FM radio receiver circuit
March 1991
logo
NTE Electronics
NTE787 NTE-NTE787 Datasheet
24Kb / 3P
   Integrated Circuit AM Receiver Subsystem
logo
NXP Semiconductors
TEA5591 PHILIPS-TEA5591 Datasheet
282Kb / 22P
   AM/FM radio receiver circuit
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com