Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210J685K5RALTU Datasheet(PDF) 7 Page - Kemet Corporation

Part # C1210J685K5RALTU
Description  Open Mode Design (FO-CAP), X7R Dielectric, 16- 200 VDC (Commercial & Automotive Grade)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210J685K5RALTU Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C1210J685K5RALTU Datasheet HTML 3Page - Kemet Corporation C1210J685K5RALTU Datasheet HTML 4Page - Kemet Corporation C1210J685K5RALTU Datasheet HTML 5Page - Kemet Corporation C1210J685K5RALTU Datasheet HTML 6Page - Kemet Corporation C1210J685K5RALTU Datasheet HTML 7Page - Kemet Corporation C1210J685K5RALTU Datasheet HTML 8Page - Kemet Corporation C1210J685K5RALTU Datasheet HTML 9Page - Kemet Corporation C1210J685K5RALTU Datasheet HTML 10Page - Kemet Corporation C1210J685K5RALTU Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1012_X7R_OPENMODE_SMD • 2/29/2016
7
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Open Mode Design (FO-CAP), X7R Dielectric, 16 – 200 VDC (Commercial & Automotive Grade)
Table 1 – Capacitance Range/Selection Waterfall (0805 – 1812 Case Sizes)
Capacitance Capacitance
Code
Case Size/
Series
C0805F
C1206F
C1210F
C1812F
Voltage Code
4
3
5
1
2
4
3
5
1
2
4
3
5
1
2
3
5
1
2
Rated Voltage (VDC) 16
25
50
100 200
16
25
50
100 200
16
25
50
100 200
25
50
100 200
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1,000 pF
102
K
M
DP
DP
DP
DP
DP
1,200 pF
122
K
M
DP
DP
DP
DP
DP
1,500 pF
152
K
M
DP
DP
DP
DP
DP
1,800 pF
182
K
M
DP
DP
DP
DP
DP
2,200 pF
222
K
M
DP
DP
DP
DP
DP
2,700 pF
272
K
M
DP
DP
DP
DP
DP
3,300 pF
332
K
M
DP
DP
DP
DP
DP
3,900 pF
392
K
M
DP
DP
DP
DP
DP
4,700 pF
472
K
M
DP
DP
DP
DP
DP
5,600 pF
562
K
M
DP
DP
DP
DP
DP
6,800 pF
682
K
M
DP
DP
DP
DP
DP
8,200 pF
822
K
M
DP
DP
DP
DP
DP
10,000 pF
103
K
M
DP
DP
DP
DP
DP
12,000 pF
123
K
M
DP
DP
DP
DP
DG
15,000 pF
153
K
M
DP
DP
DP
DP
DG
18,000 pF
183
K
M
DP
DP
DP
DP
EC
EC
EC
EC
EC
22,000 pF
223
K
M
DP
DP
DP
DG
EC
EC
EC
EC
EC
27,000 pF
273
K
M
DP
DP
DP
DG
EC
EC
EC
EC
EC
33,000 pF
333
K
M
DP
DP
DP
DG
EC
EC
EC
EC
EC
39,000 pF
393
K
M
DP
DP
DP
DG
EC
EC
EC
EC
EC
47,000 pF
473
K
M
DP
DP
DP
DE
EC
EC
EC
EC
EG
GB
GB
GB
GB
56,000 pF
563
K
M
DP
DP
DP
EC
EC
EC
EC
EG
GB
GB
GB
GB
68,000 pF
683
K
M
DP
DP
DG
DG
EC
EC
EC
EC
EG
FD
FD
FD
FD
FD
GB
GB
GB
GB
82,000 pF
823
K
M
DP
DP
DG
EC
EC
EC
EC
EG
FD
FD
FD
FD
FD
GB
GB
GB
GB
0.10 µF
104
K
M
DG
DG
DG
EC
EC
EC
EC
EG
FD
FD
FD
FD
FG
GB
GB
GB
GB
0.12 µF
124
K
M
DG
DG
EC
EC
EC
EC
FD
FD
FD
FD
FG
GB
GB
GB
GB
0.15 µF
154
K
M
DG
DG
EC
EC
EC
EG
FD
FD
FD
FD
FH
GB
GB
GB
GB
0.18 µF
184
K
M
DG
DG
EC
EC
EC
EG
FD
FD
FD
FD
FH
GB
GB
GB
GB
0.22 µF
224
K
M
DG
DP
DG
EC
EC
EC
ED
FD
FD
FD
FG
FS
GB
GB
GB
GC
0.27 µF
274
K
M
DP
DP
EC
EC
EC
FD
FD
FD
FG
GB
GB
GB
GF
0.33 µF
334
K
M
DP
DG
EG
EG
EG
EG
FD
FD
FD
FH
GB
GB
GB
GK
0.39 µF
394
K
M
DP
DG
EG
EG
FD
FD
FG
FH
GB
GB
GB
GL
0.47 µF
474
K
M
DE
DG
EG
EG
EC
FD
FD
FG
FJ
GB
GB
GC
0.56 µF
564
K
M
EG
FD
FD
FG
FR
GB
GB
GD
0.68 µF
684
K
M
DG
EG
FD
FG
FH
FR
GD
GD
GF
0.82 µF
824
K
M
EG
FD
FG
FH
FR
GD
GD
GK
1.0 µF
105
K
M
EG
EC
EH
FD
FH
FJ
FS
GN
GN GM
1.2 µF
125
K
M
FG
1.5 µF
155
K
M
FH
1.8 µF
185
K
M
FH
2.2 µF
225
K
M
EC
EH
FJ
FM
FM
2.7 µF
275
K
M
3.3 µF
335
K
M
FM
3.9 µF
395
K
M
4.7 µF
475
K
M
EH
FG
FM
GK
GK
6.8 µF
685
K
M
FS
FS
Capacitance Capacitance
Code
Rated Voltage (VDC) 16
25
50
100 200
16
25
50
100 200
16
25
50
100 200
25
50
100 200
Voltage Code
4
3
5
1
2
4
3
5
1
2
4
3
5
1
2
3
5
1
2
Case Size/
Series
C0805F
C1206F
C1210F
C1812F


Similar Part No. - C1210J685K5RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210J104K2RACAUTO KEMET-C1210J104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1210
C1210J104K2RACTU KEMET-C1210J104K2RACTU Datasheet
59Kb / 1P
   SMD Comm X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Temperature Stable, 1210
C1210J104K5RACAUTO KEMET-C1210J104K5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 50 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1210
C1210J104K5RACTU KEMET-C1210J104K5RACTU Datasheet
60Kb / 1P
   SMD Comm X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 50 VDC, X7R, SMD, MLCC, Open Mode, Temperature Stable, 1210
C1210J105K1RACAUTO KEMET-C1210J105K1RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 1 uF, 10%, 100 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1210
More results

Similar Description - C1210J685K5RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
C1210F104K2RACAUTO KEMET-C1210F104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1210
C1210J104K2RACAUTO KEMET-C1210J104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1210
C0805F472K2RACAUTO KEMET-C0805F472K2RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 4700 pF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 0805
C0805J472K2RACAUTO KEMET-C0805J472K2RACAUTO Datasheet
61Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 4700 pF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 0805
C1206F104K2RACAUTO KEMET-C1206F104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
C1206J223K2RACAUTO KEMET-C1206J223K2RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.022 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
C1206F223K2RACAUTO KEMET-C1206F223K2RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.022 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com