Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2710T Datasheet(PDF) 6 Page - NEC

Part No. UPC2710T
Description  1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC2710T Datasheet(HTML) 6 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EQUIVALENT CIRCUIT
UPC2710T, UPC2713T
PACKAGE OUTLINE (Units in mm)
UPC2710T/UPC2713T
PACKAGE OUTLINE T06
+0.2
-0.3
2.8
1.5
+0.2
-0.1
1
2
3
4
5
6
1.9
±0.2
-0.05
+0.10
0.3
0.13
±0.1
1.1
+0.2
-0.1
0 to 0.1
0.95
0.95
0.8
2.9
±0.2
LEAD CONNECTIONS
PART NUMBER
QTY
UPC2710T-E3
3K/Reel
UPC2713T-E3
3K/Reel
Embossed Tape, 8 mm wide.
ORDERING INFORMATION
RECOMMENDED P.C.B. LAYOUT (Units in mm)
Note:
All dimensions are typical unless otherwise noted.
1. INPUT
2. GND
3. GND
4. OUTPUT
5. GND
6. VCC
(Top View)
(Bottom View)
UPC2710T
UPC2713T
Note: Package Markings:
C1F - UPC2710T
C1J - UPC2713T
3.10
4
5
3
2
1
6
1.0
MIN
0.5 MIN
0.95
1.0
MIN
EXCLUSIVE AGENT FOR NEC Corporation RF & MICROWAVE SEMICONDUCTOR PRODUCTS - U.S. & CANADA
CALIFORNIA EASTERN LABORATORIES, INC
· Headquarters · 4590 Patrick Henry Drive · Santa Clara, CA 95054-1817 · (408) 988-3500 · Telex 34-6393/FAX (408) 988-0279
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn