Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210F685M3RALTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210F685M3RALTU
Description  Open Mode Design (FO-CAP), X7R Dielectric, 16- 200 VDC (Commercial & Automotive Grade)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210F685M3RALTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1210F685M3RALTU Datasheet HTML 1Page - Kemet Corporation C1210F685M3RALTU Datasheet HTML 2Page - Kemet Corporation C1210F685M3RALTU Datasheet HTML 3Page - Kemet Corporation C1210F685M3RALTU Datasheet HTML 4Page - Kemet Corporation C1210F685M3RALTU Datasheet HTML 5Page - Kemet Corporation C1210F685M3RALTU Datasheet HTML 6Page - Kemet Corporation C1210F685M3RALTU Datasheet HTML 7Page - Kemet Corporation C1210F685M3RALTU Datasheet HTML 8Page - Kemet Corporation C1210F685M3RALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1012_X7R_OPENMODE_SMD • 2/29/2016
1
One world. One KEMET
Overview
KEMET’s Ceramic Open Mode capacitor in X7R dielectric
is designed to significantly minimize the probability of a low
IR or short circuit condition when forced to failure in a board
stress flex situation, thus reducing the potential for catastrophic
failure. The Open Mode capacitor may experience a drop in
capacitance; however, a short is unlikely because a crack
will not typically propagate across counter electrodes within
the device’s “active area.” Since there will not be any current
leakage associated with a typical Open Mode flex crack,
there is no localized heating and therefore little chance for a
catastrophic and potentially costly failure event.
Driven by the demand for a more robust and reliable
component, the Open Mode capacitor was designed for
critical applications where higher operating temperatures and
mechanical stress are a concern. These capacitors are widely
used in automotive circuits as well as power supplies (input and
output filters) and general electronic applications.
Concerned with flex cracks resulting from excessive tensile
and shear stresses produced during board flexure and thermal
cycling? These devices are available with KEMET's Flexible
termination technology which inhibits the transfer of board
stress to the rigid ceramic body, therefore mitigating flex cracks
which can result in low IR or short circuit failures. Although
flexible termination technology does not eliminate the potential
for mechanical damage that may propagate during extreme
environmental and handling conditions, it does provide superior flex
performance over standard termination systems. When combined
with flexible termination technology these devices offer the ultimate
level of protection against a low IR or short circuit condition. Open
Mode devices compliment KEMET's Floating Electrode (FE-CAP)
and Floating Electrode with Flexible Termination (FF-CAP) product
lines by providing a fail-safe design optimized for mid to high range
capacitance values. These devices exhibit a predictable change in
capacitance with respect to time and voltage and boast a minimal
change in capacitance with reference to ambient temperature.
Capacitance change is limited to ±15% from −55°C to +125°C.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Open Mode Design (FO-CAP), X7R Dielectric, 16 – 200 VDC
(Commercial & Automotive Grade)
Ordering Information
C
1210
J
685
K
3
R
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Dielectric
Failure Rate/
Design
Termination
Finish1
Packaging/Grade
(C-Spec)
0805
1206
1210
1812
F = Open Mode
J = Open Mode
withFlexible
Termination
Two significant
digits + number
of zeros
K = ±10%
M = ±20%
4 = 16
3 = 25
5 = 50
1 = 100
2 = 200
R = X7R
A = N/A
C = 100%
Matte Sn
L = SnPb
(5% Pb
minimum)
See "Packaging
C-Spec
Ordering
Options Table"
below
1
Additional termination finish options may be available. Contact KEMET for details.
1
SnPb termination finish option is not available on automotive grade product.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C1210F685M3RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210F102K1RAC KEMET-C1210F102K1RAC Datasheet
1Mb / 7P
   CERAMIC OPEN MODE CAPACITORS
C1210F102K2RAC KEMET-C1210F102K2RAC Datasheet
1Mb / 7P
   CERAMIC OPEN MODE CAPACITORS
C1210F102K3RAC KEMET-C1210F102K3RAC Datasheet
1Mb / 7P
   CERAMIC OPEN MODE CAPACITORS
C1210F102K4RAC KEMET-C1210F102K4RAC Datasheet
1Mb / 7P
   CERAMIC OPEN MODE CAPACITORS
C1210F102K5RAC KEMET-C1210F102K5RAC Datasheet
1Mb / 7P
   CERAMIC OPEN MODE CAPACITORS
More results

Similar Description - C1210F685M3RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
C1210F104K2RACAUTO KEMET-C1210F104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1210
C1210J104K2RACAUTO KEMET-C1210J104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1210
C0805F472K2RACAUTO KEMET-C0805F472K2RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 4700 pF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 0805
C0805J472K2RACAUTO KEMET-C0805J472K2RACAUTO Datasheet
61Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 4700 pF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 0805
C1206F104K2RACAUTO KEMET-C1206F104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
C1206J223K2RACAUTO KEMET-C1206J223K2RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.022 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
C1206F223K2RACAUTO KEMET-C1206F223K2RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.022 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com