Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805J685K5RACTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C0805J685K5RACTU
Description  Open Mode Design (FO-CAP), X7R Dielectric, 16- 200 VDC (Commercial & Automotive Grade)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805J685K5RACTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C0805J685K5RACTU Datasheet HTML 2Page - Kemet Corporation C0805J685K5RACTU Datasheet HTML 3Page - Kemet Corporation C0805J685K5RACTU Datasheet HTML 4Page - Kemet Corporation C0805J685K5RACTU Datasheet HTML 5Page - Kemet Corporation C0805J685K5RACTU Datasheet HTML 6Page - Kemet Corporation C0805J685K5RACTU Datasheet HTML 7Page - Kemet Corporation C0805J685K5RACTU Datasheet HTML 8Page - Kemet Corporation C0805J685K5RACTU Datasheet HTML 9Page - Kemet Corporation C0805J685K5RACTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1012_X7R_OPENMODE_SMD • 2/29/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Open Mode Design (FO-CAP), X7R Dielectric, 16 – 200 VDC (Commercial & Automotive Grade)
Insulation Resistance Limit Table (X7R Dielectric)
EIA Case Size
1,000 Megohm
Microfarads or 100 GΩ
500 Megohm
Microfarads or 10 GΩ
0201
N/A
ALL
0402
< 0.012 µF
≥ 0.012 µF
0603
< 0.047 µF
≥ 0.047 µF
0805
< 0.15 µF
≥ 0.15 µF
1206
< 0.47 µF
≥ 0.47 µF
1210
< 0.39 µF
≥ 0.39 µF
1808
ALL
N/A
1812
< 2.2 µF
≥ 2.2 µF
1825
ALL
N/A
2220
< 10 µF
≥ 10 µF
2225
ALL
N/A


Similar Part No. - C0805J685K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805J682K5RACAUTO KEMET-C0805J682K5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 6800 pF, 10%, 50 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 0805
C0805J682K5RACTU KEMET-C0805J682K5RACTU Datasheet
60Kb / 1P
   SMD Comm X7R FO, Ceramic, Open Mode, 6800 pF, 10%, 50 VDC, X7R, SMD, MLCC, Open Mode, Temperature Stable, 0805
C0805J683K5RACAUTO KEMET-C0805J683K5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.068 uF, 10%, 50 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 0805
C0805J683K5RACTU KEMET-C0805J683K5RACTU Datasheet
60Kb / 1P
   SMD Comm X7R FO, Ceramic, Open Mode, 0.068 uF, 10%, 50 VDC, X7R, SMD, MLCC, Open Mode, Temperature Stable, 0805
More results

Similar Description - C0805J685K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
C1210F104K2RACAUTO KEMET-C1210F104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1210
C1210J104K2RACAUTO KEMET-C1210J104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1210
C0805F472K2RACAUTO KEMET-C0805F472K2RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 4700 pF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 0805
C0805J472K2RACAUTO KEMET-C0805J472K2RACAUTO Datasheet
61Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 4700 pF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 0805
C1206F104K2RACAUTO KEMET-C1206F104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
C1206J223K2RACAUTO KEMET-C1206J223K2RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.022 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
C1206F223K2RACAUTO KEMET-C1206F223K2RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.022 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com