Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI-9122-103 Datasheet(PDF) 11 Page - API Technologies Corp

Part # SCI-9122-103
Description  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SCI-9122-103 Datasheet(HTML) 11 Page - API Technologies Corp

Back Button SCI-9122-103 Datasheet HTML 4Page - API Technologies Corp SCI-9122-103 Datasheet HTML 5Page - API Technologies Corp SCI-9122-103 Datasheet HTML 6Page - API Technologies Corp SCI-9122-103 Datasheet HTML 7Page - API Technologies Corp SCI-9122-103 Datasheet HTML 8Page - API Technologies Corp SCI-9122-103 Datasheet HTML 9Page - API Technologies Corp SCI-9122-103 Datasheet HTML 10Page - API Technologies Corp SCI-9122-103 Datasheet HTML 11Page - API Technologies Corp SCI-9122-103 Datasheet HTML 12Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
5/16-24 & 5/16-32 C & Pi Circuit
Resin Sealed Bolt-in Filters
24
18
35
28
25
15
10
10
10
12
18
5
41
37
50
35
11
35
35
35
35
20
28
20
45
70
66
54
20
55
55
55
55
30
52
50
60
70
66
65
28
55
55
55
55
33
52
55
Minimum Insertion Loss (dB)
100
100
200
400
500
500
500
500
500
500
500
700
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
*
Denotes parts with 5/16-24 Threads
SCI-9510-503
SCI-3513-000
SCI-3523-000
SCI-3543-000
SCI-9550-102
¦
1202-052
¦
1202-054
51-702-020*
51-702-021
SCI-9550-332
SCI-3553-000
¦
1202-005
M15733
MIL
Number
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
/61-0003
/61-0004
25
25
25
25
25
25
25
25
25
25
25
25
0.05 µF
0.1 µF
0.02 µF
6000 pF
1000 pF
3000 pF
3000 pF
3000 pF
3000 pF
3300 pF
0.012 µF
2000 pF
60
70
70
70
28
70
70
70
70
40
70
70
60
70
70
70
28
70
70
70
70
40
70
70
115
220
115
350
350
115
220
AC
15
10
1
MHz
CKT
C
Pi
Pi
Pi
C
Pi
Pi
Pi
Pi
C
Pi
Pi
Fig.
1
1
1
1
1
1
2
3
3
1
1
2
.750 ± .031
(19.05 ± .79)
.437
(11.10)
.250
(6.35)
.562 ± .031
(14.27 ± .79)
.094
(2.39)
5/16–24 Unf–2A Thd.
ø .057 ± .005
(1.45 ± .13)
Figure 1
.375
(9.53)
.750 ± .031
(19.05 ± .79)
.437
(11.10)
.250
(6.35)
.562 ± .031
(14.27 ± .79)
.094
(2.39)
5/16–32 Unc–2A Thd.
ø .057 ± .005
(1.45 ± .13)
Figure 2
.375
(9.53)
.750 ± .031
(19.05 ± .79)
.437
(11.10)
.250
(6.35)
5/16–32 Unef–2A Thd.
.220
(5.59)
.375
(9.53)
ø .057 ± .005
(1.45 ± .13)
.562 ± .031
(14.27 ± .79)
Figure 3
Dimensions in inches
(mm)
LP22


Similar Part No. - SCI-9122-103

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SCI-9122-103 APITECH-SCI-9122-103 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
More results

Similar Description - SCI-9122-103

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
9900F-381-6004 APITECH-9900F-381-6004 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Fox Electronics
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-6.000 FOX-FQ1045A-6.000 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com