Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB100-HDW10P-BAC Datasheet(PDF) 7 Page - Amphenol Corporation

Part No. TB100-HDW10P-BAC
Description  Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package.
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMPHENOL [Amphenol Corporation]
Homepage  http://www.amphenol.com
Logo 

TB100-HDW10P-BAC Datasheet(HTML) 7 Page - Amphenol Corporation

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VentostatAccessories
T1505 Splash Resistant Enclosure
TheModel1505isdesignedtoprotectthe8000
seriesindamporwetenvironmentsasmightoccurin
agricultural,industrialorfoodprocessingenvironments.
Thisenclosure(ABSplastic)isdesignedtoprotectthe
sensorfromdrippingorsprayedwater.Anywallmount
modeloftheVentostat8000seriessensorcanbe
installedinsidetheenclosure.Thetransparentcover
allowsforviewingofthesensor/display.Fourdiffusion
portsallowforentryofCO
2.Knockoutsareprovided
forconduitconnection.Responsetimeofthesensoris
slowedtoapproximately30minutestomeasurea90%
stepchangeinconcentrations.Enclosureisdesignedto
screwdirectlytoawall.CO
2sensornotincluded.
T1552 Outside Air Enclosure
TheModel1552isaruggedweatherproofenclosure
(ABSplastic),designedtoallowthe8000seriessensor
tooperateinanoutdoorenvironmentand/orwhere
ambienttemperaturesarebelowfreezing.The1552is
idealformonitoringoutsideairorCO
2asasurrogate
forcombustionfumesinparkinggarages,tunnelsand
loadingdocks.Thisenclosurefeaturesatemperature
controlcircuitandinternalheaterstomaintainthe
sensorwithinitsnormaloperatingtemperaturerange,
eveniftemperaturesoutsidetheenclosureareas
lowas-20°F(-29°C).Fourdiffusionportsallowfor
entry of CO
2.Responsetimeofthesensorisslowed
toapproximately30minutestomeasurea90%step
changeinconcentrations.Enclosureisdesignedto
screwdirectlytoawall.CO
2 sensornotincluded.Power
consumptionis24V,1.5Amp(max),andincludesthe
Ventostat8000series.
Enclosure Specifications
T1508 Aspiration Box for Duct Mounting
TheModel1508isdesignedforin-ductsamplingof
CO
2concentrationsatflowratesgreaterthan400
fpm.Clearcoverallowsforobservationofthesensor.
TheywillaccommodateanyoftheVentostat8100
or8200series,andcanbeusedfortemperatureand
RHwhenfitted.Enclosureisscrewedtotheductwith
probeinsertedintoairstream.Airsamplingprobe
is1-inch(25.4mm)diameterand8-inch(203.2mm)
long.Enclosure(ABSplastic)hasknockoutsforconduit
connection.Note:Wiringpenetrationsmustbesealed
prior to use. CO
2sensornotincluded.
T1508AspirationBoxforDuctMounting
T1505SplashResistantEnclosureand
T1552OutsideAirEnclosure
7


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn