Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54802002X5R471M Datasheet(PDF) 1 Page - API Technologies Corp

Part # 54802002X5R471M
Description  Small size to allow effective use of space
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54802002X5R471M Datasheet(HTML) 1 Page - API Technologies Corp

  54802002X5R471M Datasheet HTML 1Page - API Technologies Corp 54802002X5R471M Datasheet HTML 2Page - API Technologies Corp 54802002X5R471M Datasheet HTML 3Page - API Technologies Corp 54802002X5R471M Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Solder-in Filters
Solder-in filters are ideal for use in critical areas where
space does not allow use of mounting tools or hardware.
The solder-in feature also allows installation in unison
with other board mounted components. Primarily used
in filtering signal/data lines and DC power lines.
Features
s
Small size to allow effective use of space
s
Voltage ratings to 750 VDC
s
Multiple circuit configurations: C, L & Pi available
s
High temperature construction to prevent reflow during installation
s
MIL-F-15733 QPL versions available
.359 ± .015
(9.11 ± .38)
.390 ± .030
(9.91 ± .76)
.170 ± .030
(4.34 ± .76)
.203 ± .015
(5.15 ± .38)
ø B ± .015
(ø B ± .38)
ø .040 ± .005
(ø 1.02 ± .13)
ø A Max.
(ø A Max.)
F
ø .062 ± .005
(ø 1.59 ± .13)
ø .281 ± .015
(ø 7.14 ± .38)
ø .190 Max.
(ø 4.83)
ø .044 ± .005
(ø 1.12 ± .13)
.093 ± .015
(2.38 ± .38)
.093 ± .015
(2.38 ± .38)
.140 Max.
(3.57 Max.)
ø .281 ± .015
(ø 7.14 ± .38)
ø .190 Max.
(ø 4.83)
.093 ± .015
(2.38 ± .38)
.093 ± .015
(2.38 ± .38)
.05 ± .01
(1.27 ± .25)
.093 ± .015
(2.38 ± .38)
.343 ± .030
(8.73 ± .76)
ø .281 ± .015
(ø 7.14 ± .38)
ø .190 Max.
(ø 4.83)
ø .062 ± .005
(ø 1.59 ± .13)
.093 ± .015
(2.38 ± .38)
.328 ± .030
(8.33 ± .76)
.343 ± .030
(8.73 ± .76)
.093 ± .015
(2.38 ± .38)
.05 ± .01
(1.27 ± .25)
.093 ± .015
(2.38 ± .38)
Dimensions in inches
(mm)
Figure 1
Figure 4
Figure 3
Figure 2
LP3
Figure 5


Similar Part No. - 54802002X5R471M

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
548025C ALPHAWIRE-548025C Datasheet
93Kb / 4P
   Customer Specification
1/11/2023
More results

Similar Description - 54802002X5R471M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3PB-2N OMRON-G3PB-2N Datasheet
1Mb / 10P
   Space and working time saved with new heatsink construction. Series now includes480-VAC models to allow use in a greaterrange of applications.
logo
ATMEL Corporation
AT40KEL040 ATMEL-AT40KEL040_14 Datasheet
781Kb / 42P
   SRAM based FPGA Dedicated to Space Use
logo
TE Connectivity Ltd
408-8821 TEC-408-8821 Datasheet
55Kb / 2P
   The production cable pointers are hand-fed pointers that use a small diameter cutter to allow ?쐏ointing" of pre-bent cable assemblies.
logo
Murata Manufacturing Co...
MPD6S022S MURATA-MPD6S022S Datasheet
316Kb / 9P
   High efficiency and small size and floor space saving
logo
PHOENIX CONTACT
2702480 PHOENIX-2702480 Datasheet
70Kb / 4P
   Space saving, thanks to the small diameter
logo
Shanghai Leiditech Elec...
TSML100 LEIDITECH-TSML100 Datasheet
467Kb / 2P
   Small size of 0603 Low resistance
ISML110 LEIDITECH-ISML110 Datasheet
405Kb / 2P
   Small size of 0805 Low risistance
logo
Murata Manufacturing Co...
TZV2Z100A110B00 MURATA1-TZV2Z100A110B00_V01 Datasheet
272Kb / 3P
   Small size with external dimensions of
Last updated06/17/2022
logo
Aries Electronics, Inc.
655000 ARIES-655000 Datasheet
746Kb / 1P
   Designed to allow user to cut 32-position adapter down to any size desired
logo
PHOENIX CONTACT
3969915 PHOENIX-3969915 Datasheet
97Kb / 6P
   Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com