Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEP16DTD Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # FEP16DTD
Description  16.0 Ampere Heatsink Dual Doubler Ultra Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FEP16DTD Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  FEP16DTD Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FEP16DTD Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
16
8
6
4
10
13
0.1
8
80
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
150
175
200
110
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
o
C
TJ=25
o
C
TJ = 25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p
FEP16GTD
FEP16DTD
FEP16JTD
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.04/2014
®
FEP16DTD thru FEP16JTD


Similar Part No. - FEP16DTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEP16DTD FAIRCHILD-FEP16DTD Datasheet
37Kb / 3P
   16 Ampere Glass Passivated Super Fast Rectifiers
logo
Thinki Semiconductor Co...
FEP16DTD THINKISEMI-FEP16DTD Datasheet
344Kb / 2P
   16.0 Ampere Fast Efficient Plastic Half Bridge Rectifiers
FEP16DTD THINKISEMI-FEP16DTD Datasheet
368Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
More results

Similar Description - FEP16DTD

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U16C20D THINKISEMI-U16C20D_19 Datasheet
365Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Ultra Fast Recovery Rectifiers
U16C20D THINKISEMI-U16C20D_V01 Datasheet
344Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Ultra Fast Recovery Rectifiers
logo
ABB
U16C20D ABB-U16C20D Datasheet
365Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Ultra Fast Recovery Rectifiers
logo
Thinki Semiconductor Co...
F16C20D THINKISEMI-F16C20D Datasheet
423Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
UF16C20D THINKISEMI-UF16C20D Datasheet
266Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FED16BT THINKISEMI-FED16BT Datasheet
368Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
VF16C20D THINKISEMI-VF16C20D Datasheet
265Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MUR1620CD THINKISEMI-MUR1620CD Datasheet
274Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR1620DR THINKISEMI-MUR1620DR_12 Datasheet
366Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FEP16BTD THINKISEMI-FEP16BTD Datasheet
368Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com