Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPC-410-100-D-3-N Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NPC-410-100-D-3-N
Description  Solid state reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPC-410-100-D-3-N Datasheet(HTML) 2 Page - Amphenol Corporation

  NPC-410-100-D-3-N Datasheet HTML 1Page - Amphenol Corporation NPC-410-100-D-3-N Datasheet HTML 2Page - Amphenol Corporation NPC-410-100-D-3-N Datasheet HTML 3Page - Amphenol Corporation NPC-410-100-D-3-N Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pressure Ranges
• GaugeandDifferential:5,15,30,50and100psi(0.34,1,2,3.4and
7 bar)
• Absolute:15,30,50and100psi(1.03,2.06,6.89bar)
NPC-410 Specifications
Parameter
Value
Units
Notes
Environmental
Temperature Range
Operating(9)
Storage
–40to257
°F
(–40°Cto125°C)
–67°Fto302
°F
(–55°C to 150°C)
Mechanical
Weight
0.005
lb
(2.5g)
Media Compatibility
Positive differential and gage ports
Absolute and negative differential ports
Compatiblewithexposedmaterials
Dry gases only
6
NPC-410 Series schematic diagram
NPC-410 Series package diagram
1. Tubelength;L=0.490,S=0.325,N=Notube.
2. Lead pins can be either be in the same or the opposite direction of the pressure tube. Option (1)
hastheleadsinthe“Up”position,thesamedirectionasthetube.Option(3)hastheleadsinthe
“Down”position,theoppositedirectionofthetube.
G6
876 5
0.2in
(5.1 mm)
0.32in
(8.1mm)
0.12in(3.05mm)
12 34
0.37in(9.4mm)
Used for positive differential
0.60in(15.24mm)
0.1 in
(2.54mm)
0.15 in
(3.8mm)
Diameter0.127in
(3.23mm),Twotubes
Not used
for absolute
0.167in
(4.2mm)
Not used
for gauge
(1)
(3)
8X0.34in
(8.6mm)
Ceramic
substrate
8X0.07in
(1.78mm)
8X0.02in(0.51mm)


Similar Part No. - NPC-410-100-D-3-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPC-100 ETC2-NPC-100 Datasheet
149Kb / 4P
   NovaSensor Disposable Medical Pressure Sensors
logo
Amphenol Corporation
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
NPC-100-T AMPHENOL-NPC-100-T Datasheet
109Kb / 4P
   Solid state, high reliability
logo
List of Unclassifed Man...
NPC-1101 ETC2-NPC-1101 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
NPC-1102 ETC2-NPC-1102 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
More results

Similar Description - NPC-410-100-D-3-N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
   Solid-State Reliability
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
   Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
   Solid state, high reliability
logo
SunLED Corporation
XLCBD111W SUNLED-XLCBD111W Datasheet
180Kb / 3P
   LONG LIFE - SOLID STATE RELIABILITY
logo
Honeywell Accelerometer...
LLN8651721 HONEYWELL-ACC-LLN8651721 Datasheet
116Kb / 6P
   Solid state reliability - no moving parts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com