Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BPDXV6T5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC847BPDXV6T5G
Description  NPN/PNP Dual General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BPDXV6T5G Datasheet(HTML) 1 Page - ON Semiconductor

  BC847BPDXV6T5G Datasheet HTML 1Page - ON Semiconductor BC847BPDXV6T5G Datasheet HTML 2Page - ON Semiconductor BC847BPDXV6T5G Datasheet HTML 3Page - ON Semiconductor BC847BPDXV6T5G Datasheet HTML 4Page - ON Semiconductor BC847BPDXV6T5G Datasheet HTML 5Page - ON Semiconductor BC847BPDXV6T5G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 2
1
Publication Order Number:
BC847BPDXV6T1/D
BC847BPDXV6,
SBC847BPDXV6
NPN/PNP Dual General
Purpose Transistor
This transistor is designed for general purpose amplifier
applications. It is housed in the SOT−563 which is designed for low
power surface mount applications.
Features
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS − NPN
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
45
V
Collector−Base Voltage
VCBO
50
V
Emitter−Base Voltage
VEBO
6.0
V
Collector Current −
Continuous
IC
100
mAdc
MAXIMUM RATINGS − PNP
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
−45
V
Collector−Base Voltage
VCBO
−50
V
Emitter−Base Voltage
VEBO
−5.0
V
Collector Current −
Continuous
IC
−100
mAdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation (Note 1)
TA = 25°C
Derate above 25°C
PD
357
2.9
mW
mW/°C
Thermal Resistance −
Junction-to-Ambient (Note 1)
RqJA
350
°C/W
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation (Note 1)
TA = 25°C
Derate above 25°C
PD
500
4.0
mW
mW/°C
Thermal Resistance −
Junction-to-Ambient (Note 1)
RqJA
250
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
1. FR−4 @ Minimum Pad
SOT−563
CASE 463A
1 2
3
6
5 4
Q1
(1)
(2)
(3)
(4)
(5)
(6)
Q2
ORDERING INFORMATION
http://onsemi.com
MARKING DIAGRAM
Device
Package
Shipping
BC847BPDXV6T1G SOT−563
(Pb−Free)
4 mm pitch
4000/Tape & Reel
SBC847BPDXV6T1G SOT−563
(Pb−Free)
2 mm pitch
4000/Tape & Reel
BC847BPDX6T1
4F = Specific Device Code
M = Month Code
G
= Pb−Free Package
4F MG
G
1
BC847BPDXV6T5G SOT−563
(Pb−Free)
2 mm pitch
8000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
(Note: Microdot may be in either location)


Similar Part No. - BC847BPDXV6T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC847BPDXV6T5G ONSEMI-BC847BPDXV6T5G Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
More results

Similar Description - BC847BPDXV6T5G

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MBT3946DW WEITRON-MBT3946DW Datasheet
335Kb / 11P
   Dual General Purpose Transistor NPNPNP Silicon
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
NXP Semiconductors
BC817DPN PHILIPS-BC817DPN Datasheet
78Kb / 12P
   NPN/PNP general purpose transistor
2002 Nov 22
BC847BPN PHILIPS-BC847BPN Datasheet
47Kb / 8P
   NPN/PNP general purpose transistor
1999 Apr 26
BC847BVN-115 PHILIPS-BC847BVN-115 Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
BCV65 PHILIPS-BCV65_15 Datasheet
276Kb / 11P
   NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
BCV65 NXP-BCV65 Datasheet
276Kb / 11P
   NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
BC847BVN NXP-BC847BVN Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
logo
Nexperia B.V. All right...
BC817DPN NEXPERIA-BC817DPN Datasheet
222Kb / 9P
   NPN/PNP general purpose transistor
27 November 2019
logo
NXP Semiconductors
BC847BVN PHILIPS-BC847BVN Datasheet
63Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com