Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2258 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # F2258
Description  Voltage Variable RF Attenuator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2258 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button F2258 Datasheet HTML 7Page - Integrated Device Technology F2258 Datasheet HTML 8Page - Integrated Device Technology F2258 Datasheet HTML 9Page - Integrated Device Technology F2258 Datasheet HTML 10Page - Integrated Device Technology F2258 Datasheet HTML 11Page - Integrated Device Technology F2258 Datasheet HTML 12Page - Integrated Device Technology F2258 Datasheet HTML 13Page - Integrated Device Technology F2258 Datasheet HTML 14Page - Integrated Device Technology F2258 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
11
REV 4, January 2017
F2250NLGK
Datasheet
TYPICAL OPERATING CONDITIONS [S2P @ LOW FREQUENCY, GROUP DELAY] (-6-)
Min. & Max. Attenuation vs. Low Frequency
Low-Frequency RF1 Return Loss vs. VCTRL
Worst-Case Return Loss vs. Low Frequency
Low-Frequency Attenuation vs. VCTRL
Low-Frequency RF2 Return Loss vs. VCTRL
Group Delay vs. VCTRL
-38
-34
-30
-26
-22
-18
-14
-10
-7
-6
-5
-4
-3
-2
-1
0
0
100
200
300
400
500
Frequency (MHz)
-40C / Vctrl = 0V
25C / Vctrl = 0V
105C / Vctrl = 0V
-40C / Vctrl = 3V
25C / Vctrl = 3V
105C / Vctrl = 3V
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.2
0.4
0.6 0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4 2.6
VCTRL (V)
-40C / 43MHz
25C / 43MHz
105C / 43MHz
-40C / 128MHz
25C / 128MHz
105C / 128MHz
-40C / 255MHz
25C / 255MHz
105C / 255MHz
-20
-15
-10
-5
0
0
100
200
300
400
500
Frequency (MHz)
-40C /RF1
25C / RF1
105C / RF1
-40C / RF2
25C / RF2
105C / RF2
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
VCTRL (V)
-40C / 43MHz
25C / 43MHz
105C / 43MHz
-40C / 128MHz
25C / 128MHz
105C / 128MHz
-40C / 255MHz
25C / 255MHz
105C / 255MHz
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
VCTRL (V)
-40C / 43MHz
25C / 43MHz
105C / 43MHz
-40C / 128MHz
25C / 128MHz
105C / 128MHz
-40C / 255MHz
25C / 255MHz
105C / 255MHz
(C7,C8 set to 0.1uF)
(C7,C8 set to 0.1uF)
(C7,C8 set to 0.1uF)
(C7,C8 set to 0.1uF)
(C7,C8 set to 0.1uF)


Similar Part No. - F2258

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2258 IDT-F2258 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2258 RENESAS-F2258 Datasheet
2Mb / 25P
   Voltage Variable RF Attenuator 50 to 6000 MHz
01/20/2017
F2258 RENESAS-F2258 Datasheet
2Mb / 27P
   Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
More results

Similar Description - F2258

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF2255NLGK IDT-IDTF2255NLGK_18 Datasheet
2Mb / 26P
   Voltage Variable RF Attenuator
F2250 IDT-F2250 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
IDTF2258NLGK RENESAS-IDTF2258NLGK Datasheet
2Mb / 25P
   Voltage Variable RF Attenuator
logo
Integrated Device Techn...
IDTF2258NLGK IDT-IDTF2258NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
IDTF2255NLGK IDT-IDTF2255NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
   Voltage Variable RF Attenuator 50MHz to 6000MHz
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
   Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com