Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1975 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # F1975
Description  Digital Step Attenuator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1975 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button F1975 Datasheet HTML 6Page - Integrated Device Technology F1975 Datasheet HTML 7Page - Integrated Device Technology F1975 Datasheet HTML 8Page - Integrated Device Technology F1975 Datasheet HTML 9Page - Integrated Device Technology F1975 Datasheet HTML 10Page - Integrated Device Technology F1975 Datasheet HTML 11Page - Integrated Device Technology F1975 Datasheet HTML 12Page - Integrated Device Technology F1975 Datasheet HTML 13Page - Integrated Device Technology F1975 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
F1975
6-Bit, 75 Ω
Ω, Digital Step Attenuator
10
Rev O 01/15/2016
TYPICAL OPERATING CONDITIONS (TOC)
Unless otherwise noted for the TOC graphs on the following pages, the following conditions apply.
VDD = +3.30 V
TCASE = +25 °C
FRF = 1 GHz
PIN = 0 dBm for single tone measurements
PIN = +10 dBm/tone for multi-tone measurements
Tone Spacing = 50 MHz
EVKit connector and board losses are de-embedded
Measured in a 75 ohm system unless otherwise specified


Similar Part No. - F1975

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
F1975EVBI RENESAS-F1975EVBI Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
F1975EVSI RENESAS-F1975EVSI Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
F1975NCGI RENESAS-F1975NCGI Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
F1975NCGI8 RENESAS-F1975NCGI8 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
More results

Similar Description - F1975

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com