Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTF1912NCGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDTF1912NCGI
Description  6 Bit Digital Step Attenuator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTF1912NCGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDTF1912NCGI Datasheet HTML 3Page - Integrated Device Technology IDTF1912NCGI Datasheet HTML 4Page - Integrated Device Technology IDTF1912NCGI Datasheet HTML 5Page - Integrated Device Technology IDTF1912NCGI Datasheet HTML 6Page - Integrated Device Technology IDTF1912NCGI Datasheet HTML 7Page - Integrated Device Technology IDTF1912NCGI Datasheet HTML 8Page - Integrated Device Technology IDTF1912NCGI Datasheet HTML 9Page - Integrated Device Technology IDTF1912NCGI Datasheet HTML 10Page - Integrated Device Technology IDTF1912NCGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
7
Rev 1, June 2015
IDTF1912NCGI
Datasheet
Figure 2 - Serial Register Timing Diagram
Note - When Latch enable is high, the shift register is disabled and DATA is NOT continuously clocked into
the shift register which minimizes noise. It is recommended that Latch enable be left high when the device is
not being programmed.
Table 3 - Serial Mode Timing Table
Interval
Symbol
Description
Min
Spec
Max
Spec
Units
tmc
Parallel to Serial Setup Time - From rising edge
of VMODE to rising edge of CLK for D5
100
ns
tds
Clock high pulse width
10
ns
tcls
LE Setup Time - From the rising edge of CLK
pulse for D0 to LE rising edge minus half the
clock period.
10
ns
tlew
LE pulse width
30
ns
tdsc
Data Setup Time - From the starting edge of
Data bit to rising edge of CLK
10
ns
Tdht
Data Hold Time - From rising edge of CLK to
falling edge of the Data bit.
10
ns


Similar Part No. - IDTF1912NCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTF1912NCGI8 RENESAS-IDTF1912NCGI8 Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
More results

Similar Description - IDTF1912NCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
F1978 IDT-F1978 Datasheet
4Mb / 26P
   6-Bit, 75 Digital Step Attenuator
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
NXP Semiconductors
MMT20303H NXP-MMT20303H Datasheet
374Kb / 14P
   3-Bit Digital Step Attenuator
Rev. 0, 12/2015
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com