Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTF2258NLGK Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDTF2258NLGK
Description  Voltage Variable RF Attenuator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTF2258NLGK Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDTF2258NLGK Datasheet HTML 6Page - Integrated Device Technology IDTF2258NLGK Datasheet HTML 7Page - Integrated Device Technology IDTF2258NLGK Datasheet HTML 8Page - Integrated Device Technology IDTF2258NLGK Datasheet HTML 9Page - Integrated Device Technology IDTF2258NLGK Datasheet HTML 10Page - Integrated Device Technology IDTF2258NLGK Datasheet HTML 11Page - Integrated Device Technology IDTF2258NLGK Datasheet HTML 12Page - Integrated Device Technology IDTF2258NLGK Datasheet HTML 13Page - Integrated Device Technology IDTF2258NLGK Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
F2258
Voltage Variable RF Attenuator
10
Rev 1 01/20/2017
TYPICAL OPERATING CONDITIONS [S2P VS. FREQUENCY] (- 5 -)
Min & Max. Attenuation vs. Frequency
Worst-Case RF1 Return Loss vs. Frequency
Max. Insertion Phase
 vs. Frequency
Min. & Max. Attenuation Slope vs. Frequency
Worst-Case RF2 Return Loss vs. Frequency
Gain Compression vs. Frequency
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
Frequency (GHz)
-40C
25C
105C
-10
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
Frequency (GHz)
-40C
25C
105C
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
Frequency (GHz)
Max. Slope
Min. Slope
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
Frequency (GHz)
-40C
25C
105C
(positive phase = electrically shorter)
VCTRL varied from 0.8V to 1.8V


Similar Part No. - IDTF2258NLGK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTF2258NLGK RENESAS-IDTF2258NLGK Datasheet
2Mb / 25P
   Voltage Variable RF Attenuator
IDTF2258NLGK RENESAS-IDTF2258NLGK Datasheet
2Mb / 25P
   Voltage Variable RF Attenuator 50 to 6000 MHz
01/20/2017
IDTF2258NLGK8 RENESAS-IDTF2258NLGK8 Datasheet
2Mb / 25P
   Voltage Variable RF Attenuator
More results

Similar Description - IDTF2258NLGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF2255NLGK IDT-IDTF2255NLGK_18 Datasheet
2Mb / 26P
   Voltage Variable RF Attenuator
F2250 IDT-F2250 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
F2250NLGK IDT-F2250NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
IDTF2258NLGK RENESAS-IDTF2258NLGK Datasheet
2Mb / 25P
   Voltage Variable RF Attenuator
logo
Integrated Device Techn...
IDTF2255NLGK IDT-IDTF2255NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
   Voltage Variable RF Attenuator 50MHz to 6000MHz
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
   Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com