Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPC-410-015-G-3-L Datasheet(PDF) 3 Page - Amphenol Corporation

Part # NPC-410-015-G-3-L
Description  Solid state reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPC-410-015-G-3-L Datasheet(HTML) 3 Page - Amphenol Corporation

  NPC-410-015-G-3-L Datasheet HTML 1Page - Amphenol Corporation NPC-410-015-G-3-L Datasheet HTML 2Page - Amphenol Corporation NPC-410-015-G-3-L Datasheet HTML 3Page - Amphenol Corporation NPC-410-015-G-3-L Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPC-410 Specifications
Parameter
Units
Minimum
Type
Maximum
Notes
Performance Parameters(1)
Full Scale Output (FSO)
mV
105
125
155
Zero Pressure Output
mV
-50
0
50
2
Linearity
%FSO
0.1
3,7
Pressure Hysteresis
%FSO
0.1
Input and Output Impedance
2500
4000
6000
Thermal Accuracy–Span
%FSO
1.5
2,4
Thermal Accuracy–Zero
%FSO
0.5
2,4
Coefficient-ResistanceTemperature
%/°C
0.3
4
Thermal Hysteresis–Zero
%FSO
0.1
4
Pressure Overload
Rated
3X
5
1. Ambienttemperature=77°F(25°C),unlessotherwisenotedSupplycur-
rent = 1.5 mA.
2. Externalresistorscanbeaddedtoreducetemperatureerrorsandcali-
brate the offset and FSO.
3. Bestfitstraightline.
4. Temperaturerange32°Fto140°F(0°Cto60°C),referenceto77°F(25°C).
5. 3Xor200psi(13.78bar)maximum,whicheverisless.
6. Exposedmaterialsarepyrex,ceramic,silicon,epoxy,RTVandstainless
steel.
7. 5psi(0.34bar)specifications:Linearity:0.25±%FSO.
Ordering Information
Thecodenumbertobeorderedmaybespecifiedasfollows:
NPC-410
Code
Pressure Ranges
005
015
030
050
100
Code
Type
A
Absolute
G
Gauge
D
Differential
Code
Lead Configuration
1
Up
3
Down
Code
Tube Options
L
Long
S
Short
N
None *
NPC-410
-
____ - ____
-
____
-
____
Typical model
number
*OrderNPC-410-XXXG-XNinplaceofNPC-410-XXXD-XN


Similar Part No. - NPC-410-015-G-3-L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPC-100 ETC2-NPC-100 Datasheet
149Kb / 4P
   NovaSensor Disposable Medical Pressure Sensors
logo
Amphenol Corporation
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
NPC-100-T AMPHENOL-NPC-100-T Datasheet
109Kb / 4P
   Solid state, high reliability
logo
List of Unclassifed Man...
NPC-1101 ETC2-NPC-1101 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
NPC-1102 ETC2-NPC-1102 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
More results

Similar Description - NPC-410-015-G-3-L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
   Solid-State Reliability
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
   Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
   Solid state, high reliability
logo
SunLED Corporation
XLCBD111W SUNLED-XLCBD111W Datasheet
180Kb / 3P
   LONG LIFE - SOLID STATE RELIABILITY
logo
Honeywell Accelerometer...
LLN8651721 HONEYWELL-ACC-LLN8651721 Datasheet
116Kb / 6P
   Solid state reliability - no moving parts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com