Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPC-1210-030-G-3-L Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NPC-1210-030-G-3-L
Description  High sensitivity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPC-1210-030-G-3-L Datasheet(HTML) 2 Page - Amphenol Corporation

  NPC-1210-030-G-3-L Datasheet HTML 1Page - Amphenol Corporation NPC-1210-030-G-3-L Datasheet HTML 2Page - Amphenol Corporation NPC-1210-030-G-3-L Datasheet HTML 3Page - Amphenol Corporation NPC-1210-030-G-3-L Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
TheNPC-1210seriesofsolid-statepressuresensors
aredesignedtoprovideacosteffectivesolutionfor
applicationsthatrequirecalibratedperformanceover
awidetemperaturerange.Packagedinadual-in-line
configuration,theNPC-1210Seriesisintendedforprinted
circuitboardmounting.Optionalpressureportandlead
configurationsprovidesuperiorflexibilityinlowprofile
applicationswherepressureconnectionorientationis
critical.
TheNPC-1210seriesisbasedonNovaSensor’sadvanced
SenStable®piezoresistivesensingtechnology.Silicon
micromachiningtechniquesareusedtoionimplant
piezoresistivestraingagesintoaWheatstonebridge
configuration.TheNPC-1210Seriesofferstheadded
advantageofsuperiortemperatureperformanceoverthe
temperaturecompensatedrangeof0°Cto60°C(32°Fto
140°F).AgainsetresistorisincludedtonormalizetheFSO
forfieldinterchangeability.
I
NPC-1210 Series Schematic Diagram
NPC-1210 Series Package Diagram
NPC-1210SeriesSpecifications
PressureSensor
Lead
Connection
1
-Out
2
-In
3
+Out
4
+In
5,6
Gain-SetResistor
7,8
NoConnection
1.5mA
+In
Gain
Set
1
+
A2
-
-
A3
+
5
R
100kW
Ground
3.012V
AmplifiedFSO
100kW
R
-Out
6
-
+
-In
+Out
782
NC
NC
4
3
G6
876 5
0.2in
(5.1mm)
0.32in
(8.1mm)
0.12in(3.05mm)
12 34
0.37in(9.4mm)
Usedforpositivedifferential
0.60in(15.24mm)
0.1in
(2.54mm)
0.15in
(3.8mm)
Diameter0.127in
(3.23mm),Twotubes
Notused
forabsolute
0.167in
(4.2mm)
Notused
forgauge
(1)
(3)
8X0.34in
(8.6mm)
Ceramic
substrate
8X0.07in
(1.78mm)
8X0.02in(0.51mm)
1. All dimensions are for reference only.
2. Tube length: L = 0.49 in (12 mm), S = 0.33 in (8.3 mm), N = No tube
3. Lead pins can be either in the same or the opposite direction of the pressure tube. Option (1) has the leads
in the "Up" position, the same direction as the tube. Option (3) has the leads in the "Down" position, the
opposite direction from the tube.


Similar Part No. - NPC-1210-030-G-3-L

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPC-120-T AMPHENOL-NPC-120-T Datasheet
109Kb / 4P
   Solid state, high reliability
logo
List of Unclassifed Man...
NPC-1201 ETC2-NPC-1201 Datasheet
1Mb / 1P
   Unless specified on the drawing, tolerances are per the follows
NPC-1201 ETC2-NPC-1201 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
NPC-1202 ETC2-NPC-1202 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
logo
Amphenol Corporation
NPC-1220 AMPHENOL-NPC-1220 Datasheet
77Kb / 4P
   50 mV full scale output (FSO)
More results

Similar Description - NPC-1210-030-G-3-L

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J102 CIT-J102 Datasheet
100Kb / 3P
   High sensitivity
logo
OmniVision Technologies...
OV10650 OMNIVISION-OV10650 Datasheet
856Kb / 2P
   high sensitivity
logo
Amphenol Corporation
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
   High sensitivity
logo
List of Unclassifed Man...
R70-5D1-12 ETC2-R70-5D1-12 Datasheet
477Kb / 1P
   High Sensitivity
logo
CIT Relay & Switch
J104D CIT-J104D Datasheet
101Kb / 2P
   High sensitivity
logo
OmniVision Technologies...
OV9674 OMNIVISION-OV9674 Datasheet
3Mb / 2P
   high sensitivity
logo
CIT Relay & Switch
J099 CIT-J099 Datasheet
132Kb / 2P
   High sensitivity
logo
Everlight Electronics C...
EAITRAA2 EVERLIGHT-EAITRAA2 Datasheet
767Kb / 10P
   High sensitivity
logo
Lite-On Technology Corp...
LTR-546AD LITEON-LTR-546AD Datasheet
146Kb / 4P
   HIGH PHOTO SENSITIVITY
logo
Micropac Industries
65025 MICROPAC-65025 Datasheet
42Kb / 2P
   High magnetic sensitivity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com