Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPA-300B-05WG Datasheet(PDF) 3 Page - Amphenol Corporation

Part # NPA-300B-05WG
Description  Surface Mountable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPA-300B-05WG Datasheet(HTML) 3 Page - Amphenol Corporation

  NPA-300B-05WG Datasheet HTML 1Page - Amphenol Corporation NPA-300B-05WG Datasheet HTML 2Page - Amphenol Corporation NPA-300B-05WG Datasheet HTML 3Page - Amphenol Corporation NPA-300B-05WG Datasheet HTML 4Page - Amphenol Corporation NPA-300B-05WG Datasheet HTML 5Page - Amphenol Corporation NPA-300B-05WG Datasheet HTML 6Page - Amphenol Corporation NPA-300B-05WG Datasheet HTML 7Page - Amphenol Corporation NPA-300B-05WG Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Analog Circuits - Circuit layout same as “Ratiometric Voltage Output”
Ratiometric Voltage Output - Standard NPA
Absolute Voltage Output - Request Required
Ratiometric Voltage Output with Over-Voltage Protection - Request Required
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NP A
Sens or
VS S
Vgate
VDD
SIG
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NP A
Sens or
VS S
Vgate
VDD
SIG
Vsupply +2.7 to +5.5V
Vout
Ground
0.1µF
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NP A
Sens or
VS S
Vgate
VDD
SIG
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NP A
Sens or
VS S
Vgate
VDD
SIG
Vsupply +5.5 to +30V
Vout
Ground
0.1µF
MMBF 4392
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NP A
Sens or
1
2
3
4
5
6
7
14
13
12
11
10
9
8
t
Vsupply +5 to +5.5V
Vout
Ground
0.1µF
J107
VS S
Vgate
VDD
SIG
NP A
Sens or
VS S
Vgae
VDD
SIG
Pin
#
Amplified
Analog
Function Notes
1
--
2
--
3
NC
Do Not Connect
4
NC
Do Not Connect
5
--
6
VSS
Ground Supply
7
--
8
SIG
Analog Out, Calibration Interface
9
VDD
Supply Voltage
10
--
11
NC
Do Not Connect
12
NC
Do Not Connect
13
--
14
--
NPA Amplified Output Pinout
Parameter
Units
Min
Max
Analog Performance Parameters 5 volt Excitation
Offset
Volts
0.44
0.56
Span (Absolute/Gauge)
Volts
4
Analog Performance Parameters 3.3 volt Excitation
Offset
Volts
0.46
0.54
Span (Absolute/Gauge)
Volts
2.5
Output Option: Amplified Analog


Similar Part No. - NPA-300B-05WG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPA-300 ETC1-NPA-300 Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
NPA-300 ETC2-NPA-300 Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
More results

Similar Description - NPA-300B-05WG

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
638-680K OSCILENT-638-680K Datasheet
135Kb / 2P
   Surface Mountable
logo
Anaren Microwave
C0409J5003AHF ANAREN-C0409J5003AHF Datasheet
180Kb / 6P
   Surface Mountable
1E1305-3 ANAREN-1E1305-3 Datasheet
349Kb / 2P
   Surface Mountable
1A1305-3 ANAREN-1A1305-3 Datasheet
336Kb / 2P
   Surface Mountable
logo
Oscilent Corporation
638 OSCILENT-638 Datasheet
135Kb / 2P
   Surface Mountable
logo
List of Unclassifed Man...
5022-151J ETC1-5022-151J Datasheet
37Kb / 2P
   Surface Mountable Inductors
logo
API Delevan
5022R API-5022R Datasheet
1Mb / 1P
   Surface Mountable Inductors
logo
List of Unclassifed Man...
CPI-210 ETC-CPI-210 Datasheet
216Kb / 1P
   SURFACE MOUNTABLE PHOTO INTERRUPTER
logo
IXYS Corporation
IXGH50N60A IXYS-IXGH50N60A Datasheet
92Kb / 4P
   HiPerFAST IGBT - Surface Mountable
logo
Tyco Electronics
BLF820 MACOM-BLF820 Datasheet
39Kb / 1P
   surface Mountable RFI Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com