Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH-8-030-D-H Datasheet(PDF) 3 Page - Amphenol Corporation

Part # NPH-8-030-D-H
Description  Solid state, high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPH-8-030-D-H Datasheet(HTML) 3 Page - Amphenol Corporation

  NPH-8-030-D-H Datasheet HTML 1Page - Amphenol Corporation NPH-8-030-D-H Datasheet HTML 2Page - Amphenol Corporation NPH-8-030-D-H Datasheet HTML 3Page - Amphenol Corporation NPH-8-030-D-H Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPH Series Specifications
NPH Series package diagram
Thecodenumbertobeorderedmaybespecifiedasfollows:
NPH
Code
Package Configuration
8
TO-8
Code
Pressure Range (kPa)
002.5
2.5 kPa; 10 inH2O
007
7 kPa; 1 psi
030
30 kPa; 4.35 psi
Code
Pressure
A
Absolute (30 kPa only)
G
Gauge
D
Differential
Code
Compensation
H
Hybrid substrate
NPH - _____ - _____ - _____ - _____ Typical model number
Ordering Information


Similar Part No. - NPH-8-030-D-H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPH-8-100-A-H AMPHENOL-NPH-8-100-A-H Datasheet
92Kb / 4P
   Solid state, high reliability
NPH-8-100-D-H AMPHENOL-NPH-8-100-D-H Datasheet
92Kb / 4P
   Solid state, high reliability
NPH-8-100-G-H AMPHENOL-NPH-8-100-G-H Datasheet
92Kb / 4P
   Solid state, high reliability
NPH-8-200-A-H AMPHENOL-NPH-8-200-A-H Datasheet
92Kb / 4P
   Solid state, high reliability
More results

Similar Description - NPH-8-030-D-H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
   Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
   Solid state, high reliability
NPC-410 AMPHENOL-NPC-410 Datasheet
80Kb / 4P
   Solid state reliability
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
   Solid-State Reliability
logo
Amphenol Corporation
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
   High reliability, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
   High reliability, solid state silicon pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com