Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI-15H-3K-A-V Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NPI-15H-3K-A-V
Description  Solid state, high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-15H-3K-A-V Datasheet(HTML) 2 Page - Amphenol Corporation

  NPI-15H-3K-A-V Datasheet HTML 1Page - Amphenol Corporation NPI-15H-3K-A-V Datasheet HTML 2Page - Amphenol Corporation NPI-15H-3K-A-V Datasheet HTML 3Page - Amphenol Corporation NPI-15H-3K-A-V Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPI-15VC Series dimensions
NPI-15VCSeriesSpecifications
Description
The NovaSensor voltage compensated NPI-15VC
Series offers the performance of our current
compensated sensors with the convenience of using
a voltage supply. Voltage compensation allows
the sensor to be connected directly to the power
supply, thereby eliminating the need for additional
components to construct a constant current source.
Thesesensorsenablefieldinterchangeabilitywitha
calibrated FSO of 100 mV ±1 %.
As with all NPI media isolated sensors, they are
designed to operate in hostile environments and
yet give the outstanding sensitivity, linearity, and
hysteresis of a silicon sensor. The piezoresistive
sensorchipishousedinafluid-filledcylindrical
cavity and isolated from the measured media by
a stainless steel diaphragm and body. The NPI
Series employs SenStable® processing technology,
providing excellent output stability.
The modular design allows for a variety of pressure
port modules which are hermetically welded to the
sensor head module. Standard types A, B, H, and J
are shown to the right.
For compensation of temperature effects, a resistor
network is supplied on a hybrid ceramic substrate.
The
IsoSensor design minimizes temperature errors to
provide a maximum offset error of 1.0% FSO and a
maximum full scale output error of 0.75% FSO over
the
32°F to 158°F (0°C to 70°C) compensated range.
NPI-15VC Series schematic diagram


Similar Part No. - NPI-15H-3K-A-V

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPI-15H-352-A-H AMPHENOL-NPI-15H-352-A-H Datasheet
116Kb / 4P
   Solid state, high reliability
NPI-15H-352-S-H AMPHENOL-NPI-15H-352-S-H Datasheet
116Kb / 4P
   Solid state, high reliability
NPI-15H-353-A-H AMPHENOL-NPI-15H-353-A-H Datasheet
116Kb / 4P
   Solid state, high reliability
NPI-15H-353-S-H AMPHENOL-NPI-15H-353-S-H Datasheet
116Kb / 4P
   Solid state, high reliability
More results

Similar Description - NPI-15H-3K-A-V

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
   Solid state, high reliability
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
   Solid state, high reliability
NPC-410 AMPHENOL-NPC-410 Datasheet
80Kb / 4P
   Solid state reliability
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
   Solid-State Reliability
logo
Amphenol Corporation
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
   High reliability, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
   High reliability, solid state silicon pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com