Electronic Components Datasheet Search |
|
NPI-15H-3K-A-V Datasheet(PDF) 3 Page - Amphenol Corporation |
|
NPI-15H-3K-A-V Datasheet(HTML) 3 Page - Amphenol Corporation |
3 / 4 page NPI-15VCSeriesSpecifications Warranty NovaSensor warrants its products against defects in material and workmanship for 12 months from the date of shipment . Products not subjected to misuse will be repaired or replaced. NovaSensor reserves the right to make changes without further notice to any products herein. NovaSensor makes no warranty, representation or guarantee regarding the suitability of its products for any particular application, nor does NovaSensor assume any liability arising out of the application or use of any productorcircuitandspecificallydisclaimsandallliability without limitation consequential or incidental damages. The foregoing warranties are exclusive and in lieu of all other warranties, whether written, oral, implied or statutory. No Implied statutorywarrantyofmerchantabilityorfitnessforparticular purpose shall apply. Parameter Value Units Notes General Pressure Range 0 to 500 psi 3,447 kPa 0 to 1,000 psi 6,894 kPa 0 to 3,000 psi 20,682 kPa 0 to 5,000 psi 34,470 kPa Maximum Pressure 2 x rated pressure Electrical @ 77°F (25°C) unless otherwise stated Input Excitation 10 VDC 15 VDC maximum Insulation Resistance 100M Ω @ 50 VDC Input Impedance (minimum) 4,000 Ω Output Impedance 5,000 Ω ± 20% Bridge Impedance 5,000 Ω ± 20% Environmental Temperature Range Operating (9) –40 to 257°F (–40°C to 125°C) Compensated Range 32 to 158°F (0°C to 70°C) Vibration 10 gRMS 20 to 2000Hz Shock 100 g 11 milliseconds Life (Dynamic Pressure Cycle) 10 x 106cycles Mechanical (1) Weight 0.06 lb (28 g) NPI–15A–XXX 0.10 lb (47 g) NPI–15B/H/J–XXX Media Compatibility All corrosive media compatible with 316L stainless steel Case and Diaphragm Material 316L stainless steel Recommended O-Ring Type A: 0.472 in (12 mm) ID x 0.059 in (1.5 mm) wall Type B: 2-013 per ISO 3601/1 Parameter Units Min. Typical Max. Notes Performance Parameters 500, 1,000, 3,000, & 35,000 psi (Note 1,8) Full Scale Output mV 99 100 101 2 Linearity %FSO –0.35 0.1 0.35 3 Hysteresis and Repeatability %FSO –0.05 0.01 0.05 Thermal Accuracy of Offset %FSO –1.0 0.2 1.0 4 Thermal Accuracy of FSO %FSO –0.75 –0.2 0.75 4 Thermal Hysteresis %FSO –0.2 ±0.1 0.2 5 Short-Term Stability of Offset µV/V 5 6 Short-Term Stability of FSO µV/V 5 6 Long-Term Stability of Offset %FSO 0.1 7 Long-Term Stability of FSO %FSO 0.1 7 1. Performance with offset , thermal accuracy of offset and thermal accuracy of FSO compensation resistors. 2. FSO with 10 VDC. 3. Linearitybybestfitstraightline. 4. 32°F to 158°F (0°C to 70°C) with reference to 77°F (25°C). 5. 32°F to 158°F (0°C to 70°C), by design. 6. Normalized offset/bridge voltage_100 hours, typical value, not tested in production. 7. One year, typical value, not tested in production 8. All values measured at 77°F (25°C) and at 10 VDC, unless otherwise noted. 9. Reduced performance outside compensation range. Ordering Information NPI-15 Code Pressure Port Type A No port B 1/2-20 UNF H 1/4-18 NPT J 1/8-27 NPT Code Pressure Ranges in psi 500 500 psi (3447 kPa) 1KØ 1000 psi (6894 kPa) 3KØ 3000 psi (20,632 kPa) NPI-15A only 5KØ 5000 psi (34,470 kPa) NPI-15A only Code Compensation A Absolute S Sealed gauge Code Voltage V Constant Voltage Excitation NPI-15 - - - Typical model number |
Similar Part No. - NPI-15H-3K-A-V |
|
Similar Description - NPI-15H-3K-A-V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |